データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS2152LN データシート(PDF) 39 Page - Dallas Semiconductor

部品番号 DS2152LN
部品情報  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DALLAS [Dallas Semiconductor]
ホームページ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152LN データシート(HTML) 39 Page - Dallas Semiconductor

Back Button DS2152LN Datasheet HTML 35Page - Dallas Semiconductor DS2152LN Datasheet HTML 36Page - Dallas Semiconductor DS2152LN Datasheet HTML 37Page - Dallas Semiconductor DS2152LN Datasheet HTML 38Page - Dallas Semiconductor DS2152LN Datasheet HTML 39Page - Dallas Semiconductor DS2152LN Datasheet HTML 40Page - Dallas Semiconductor DS2152LN Datasheet HTML 41Page - Dallas Semiconductor DS2152LN Datasheet HTML 42Page - Dallas Semiconductor DS2152LN Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
DS2152
39 of 93
5.1 Line Code Violation Count Register (LCVCR)
Line Code Violation Count Register 1 High (LCVCR1) is the most significant word and LCVCR2 is the
least significant word of a 16-bit counter that records code violations (CVs). CVs are defined as Bipolar
Violations (BPVs) or excessive 0s. See Table 5.1 for details of exactly what the LCVCRs count. If the
B8ZS mode is set for the receive side via CCR2.2, then B8ZS code words are not counted. This counter is
always enabled; it is not disabled during receive loss of synchronization (RLOS=1) conditions.
LCVCR1: LINE CODE VIOLATION COUNT REGISTER 1 (Address=23 Hex)
LCVCR2: LINE CODE VIOLATION COUNT REGISTER 2 (Address=24 Hex)
(MSB)
(LSB)
LCV15
LCV14
LCV13
LCV12
LCV11
LCV10
LCV9
LCV8
LCVCR1
LCV7
LCV6
LCV5
LCV4
LCV3
LCV2
LCV1
LCV0
LCVCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
LCV15
LCVCR1.7
MSB of the 16-bit code violation count
LCV0
LCVCR2.0
LSB of the 16-bit code violation count
LINE CODE VIOLATION COUNTING ARRANGEMENTS Table 5-1
COUNT EXCESSIVE 0S?
(RCR1.7)
B8ZS ENABLED?
(CCR2.2)
WHAT IS COUNTED
IN THE LCVCRs
no
no
BPVs
yes
no
BPVs + 16 consecutive 0s
no
yes
BPVs (B8ZS code words not counted)
yes
yes
BPVs + 8 consecutive 0s
5.2 Path Code Violation Count Register (PCVCR)
When the receive side of the DS2152 is set to operate in the ESF framing mode (CCR2.3=1), PCVCR
will automatically be set as a 12-bit counter that will record errors in the CRC6 code words. When set to
operate in the D4 framing mode (CCR2.3=0), PCVCR will automatically count errors in the Ft framing
bit position. Via the RCR2.1 bit, the DS2152 can be programmed to also report errors in the Fs framing
bit position. The PCVCR will be disabled during receive loss of synchronization (RLOS=1) conditions.
See Table 5-2 for a detailed description of exactly what errors the PCVCR counts.
PCVCR1: PATH VIOLATION COUNT REGISTER 1 (Address=25 Hex)
PCVCR2: PATH VIOLATION COUNT REGISTER 2 (Address=26 Hex)
(MSB)
(LSB)
(note 1)
(note 1)
(note 1)
(note 1)
CRC/FB11
CRC/FB10
CRC/FB9
CRC/FB8
PCVCR1
CRC/FB7
CRC/FB6
CRC/FB5
CRC/FB4
CRC/FB3
CRC/FB2
CRC/FB1
CRC/FB0
PCVCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
CRC/FB11
PCVCR1.3
MSB of the 12-Bit CRC6 Error or Frame Bit Error Count
(note #2)
CRC/FB0
PCVCR2.0
LSB of the 12-Bit CRC6 Error or Frame Bit Error Count
(note #2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94