データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RAV-BWZ-4 データシート(PDF) 2 Page - Okaya Electric America, Inc.

部品番号 RAV-BWZ-4
部品情報  SURGE PROTECTIVE DEVICES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKAYA [Okaya Electric America, Inc.]
ホームページ  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RAV-BWZ-4 データシート(HTML) 2 Page - Okaya Electric America, Inc.

  RAV-BWZ-4 Datasheet HTML 1Page - Okaya Electric America, Inc. RAV-BWZ-4 Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
107
● Dimensions
Unit: mm
Tolerances: ±1.0
● Circuit
BWZ series
BXZ series
Solder lead type (-5)
Solder lead type (-5)
BXZ Series (Three-Phase)
Wire terminal type (-4)
Wire terminal type (-4)
R·A·V-BWZ-4, BWZ-5, BXZ-4, BXZ-5 SERIES
SURGE PROTECTIVE DEVICES
BWZ Series (Single-Phase)
φ4.2±0.5
Resin
UL94 V-0
UL1015 #AWG16
Case
UL94 V-0
41±1
12
*2 35.5
22.5
3.95
2
1
φ1
Resin
UL94 V-0
UL1015 #AWG16
Case
UL94 V-0
φ4.2±0.5
41±1
12 3
*2 35.5
22.5
3.95
φ1
27.5
2
13
(A, *1, *2: Tolerances ±0.5)
Marking
Marking



Html Pages

1 2