データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AGC-5-R データシート(PDF) 3 Page - Cooper Bussmann, Inc.

部品番号 AGC-5-R
部品情報  Fast-Acting 1/4 x 1 1?? Glass Tube Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

AGC-5-R データシート(HTML) 3 Page - Cooper Bussmann, Inc.

  AGC-5-R Datasheet HTML 1Page - Cooper Bussmann, Inc. AGC-5-R Datasheet HTML 2Page - Cooper Bussmann, Inc. AGC-5-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Packaging Code Prefix
Code
Description
BK
100 pieces of fuses packed into a cardboard carton with flaps folded
BK1
1000 pieces of fuses packed into a cardboard carton with flaps folded
BK8
8000 pieces of fuses packed into a cardboard carton with flaps folded
Option Code Suffix
Code
Description
B
Board Washable - Hermetically sealed to withstand aqueous cleaning
V
Axial leads - copper tinned wire with nickel-plated brass overcaps
-R
RoHS Compliant version
TIME IN SECONDS
Time-Current Curves
1113
BU-SB131067
Page 2 of 3
Data Sheet 2543
© 2 0 1 3 C o o p e r B u s s m a n n
w w w. c o o p e r b u s s m a n n . c o m
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended
to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or
construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin.
Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems
are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant
injury to the user.



Html Pages

1 2 3