| データシートサーチシステム |
|
STM6519APAAUB6F データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6519APAAUB6F データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 25 page ![]() STM6519 Typical application diagrams Doc ID 022111 Rev 6 9/25 4 Typical application diagrams Figure 5. Typical application diagram - input, output and STM6519 device in one voltage domain Figure 6. Typical application diagram - STM6519 device in a different voltage domain than input and output 1. Open-drain RST output type and fixed SR input logic threshold allows to use the device in different voltage domains. To prevent entering test mode by creating a condition V(SR) > VCC + 1.1 V typ., VCC should be powered up before or together with voltage on the SR input. |