| データシートサーチシステム |
|
OVSRRGBCC3TM データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OVSRRGBCC3TM データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 7 page ![]() Issue F 01/2014 Page 1 of 7 OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Full-Color 1204 SMD (150° Viewing Angle) OVSRRGBCC3 OVSRRGBCC3TM Full-color RGB Top-view or side-view mounting options Compatible with automatic placement equipment Compatible with infrared and vapor phase reflow solder process The OVSRRGBCC3 & OVSRRGBCC3TM is a compact full-color (RGB) in a miniature surface mount package with a 150° viewing angle. This 1204 package provides the option to mount it as a top-emitting or side-emitting (right angle) device. The device can be used on smaller boards with a higher packing density and is ideal for handheld applications. Applications Automotive backlighting for dashboard and switches Telecommunications (backlighting for telephones and faxes) Part Number Material Emitted Color Intensity Typ. mcd Lens Color OVSRRGBCC3 OVSRRGBCC3TM AlInGaP Red 105 White Diffused InGaN Green 330 InGaN Blue 200 RoHS Moisture DO NOT LOOK DIRECTLY AT LED WITH UNSHIELDED EYES OR DAMAGE TO RETINA MAY OCCUR. 3 |
同様の部品番号 - OVSRRGBCC3TM |
|
同様の説明 - OVSRRGBCC3TM |