| データシートサーチシステム |
|
1N4004GL データシート(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
1N4004GL データシート(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() D S29002 Rev. D-2 2 of 2 1N4001G/L-1N4007G/L 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1.0 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig.2 Typical Forward Characteristics F T = 25ºC PULSE WIDTH = 300µs 2% DUTY CYCLE j 10 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current 0 10 20 30 8.3ms Single half sine-wave JEDEC Method V , REVERSE VOLTAGE (V) Fig.4 Typical Junction Capacitance R 1.0 10 100 1.0 10 100 T = 25ºC f - 1MHz j 0.1 1.0 10 0 20 40 60 80 100 120 140 T = 25°C j T = 100°C j 100 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig.5 Typical Reverse Characteristics 40 60 80 100 120 140 160 180 0 0.2 0.4 0.6 0.8 1.0 T , AMBIENT TEMPERATURE (ºC) Fig. 1 Forward Current Derating Curve A |