| データシートサーチシステム |
|
357-561 データシート(PDF) 2 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
357-561 データシート(HTML) 2 Page - Amphenol Corporation |
|
2 / 5 page ![]() Amphenol 44 Series • Automotive safety and security system connectors • Traffic control equipment • Marine industrial connectors • Truck accessory disconnects • Mining ventilation systems • Car interconnections • RV interconnections Amphenol 44 series associates easy assembly with high performance and an inexpensive price. The easy one piece structure is impervious against water, fuel, lubricants, ozone, road salt and other environ- mental impacts. Furthermore the 44 series is vibrati- on resistant and field proven in rugged applications. Due to the high quality and the excellent price/perfor- mance relationship there is a wide range of applicati- ons for this connector series. Economic Environmental Connecting Solutions • Long time resistance against environmental impacts • 3 liquid proof seals (primary, secondary and wire) • Quick and easy assembly • Quick and easy mating • Protection against mismating • Protection class IP65/67 • High reliability • Discrete wire interconnection • 1,2,3,4,5 and 6 contact configurations available 1 to 6 standard type 2 to 6 low insertation force type Description Features Applications Insert configurations Remark: For the low insertation force type configuration 4 differs. |