| データシートサーチシステム |
|
ZIOL2202 データシート(PDF) 36 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZIOL2202 データシート(HTML) 36 Page - List of Unclassifed Manufacturers |
|
36 / 91 page ![]() ZIOL2xxx – IC Family IO-Link compliant HV Line Driver IC Family Data Sheet January 31, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 36 of 90 Figure 3.13 SPI Timing 15 3.3.9. Register Table / Registers for IC Configuration and Monitoring The following Table 3.7 shows a summary of the configuration- and status registers of the ZIOL2xxx. The address space from address 0 to 15 is implemented in both the register file area and the EEPROM area. Registers with addresses greater than 15 (status registers) are implemented in the register file area only. 15 Note: IC versions ZIOL2xx2 do not allow any write access. |