データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZLED7520 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 ZLED7520
部品情報  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7520 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  ZLED7520 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7520 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7520 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7520 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7520 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7520 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7520 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7520 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7520 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ZLED7020
High Current 40V LED Driver with Internal Switch
Data Sheet
August 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
4 of 27
Contents
1
IC Characteristics .......................................................................................................................................................... 6
1.1
Absolute Maximum Ratings ................................................................................................................................... 6
1.2
Operating Conditions ............................................................................................................................................. 6
1.3
Electrical Parameters............................................................................................................................................. 7
1.4
Typical Operation Graphs ...................................................................................................................................... 8
2
Circuit Description ....................................................................................................................................................... 13
2.1
ZLED7x20 Overview ............................................................................................................................................ 13
2.2
Control of Output Current via External Sense Resistor Rs .................................................................................. 13
2.3
Control of Output Current via an External DC Control Voltage on the ADJ Pin.................................................... 13
2.4
Control of Output Current via a PWM Signal on the ADJ Pin............................................................................... 14
2.5
Control of Output Current via a Microcontroller Signal on the ADJ Pin ................................................................ 14
2.6
Shutdown Mode ................................................................................................................................................... 14
2.7
ZLED7x20 Protection Features............................................................................................................................ 14
2.7.1
Thermal Shut-down Protection ..................................................................................................................... 14
2.7.2
LED Open Load Protection ........................................................................................................................... 14
3
Application Circuit Design............................................................................................................................................ 15
3.1
Applications.......................................................................................................................................................... 15
3.2
Thermal Considerations for Application Design ................................................................................................... 17
3.2.1
Temperature Effects of Load, Layout, and Component Selection................................................................. 17
3.2.2
Temperature Effects of Low Supply Voltage VIN ........................................................................................... 17
3.3
External Component Selection............................................................................................................................. 17
3.3.1
Sense Resistor Rs ........................................................................................................................................ 17
3.3.2
Inductor L1.................................................................................................................................................... 18
3.3.3
Bypass Capacitor C1 .................................................................................................................................... 19
3.3.4
De-bouncing Capacitor C2............................................................................................................................ 21
3.3.5
Capacitor C3 for Reducing Output Ripple..................................................................................................... 21
3.3.6
Diode D1....................................................................................................................................................... 21
3.4
Application Circuit Layout Requirements ............................................................................................................. 21
4
ESD Protection............................................................................................................................................................ 22
5
Pin Configuration and Package ................................................................................................................................... 23
5.1
SOT89-5 Package Pin-out and Dimensions for the ZLED7020 ........................................................................... 23
5.2
DFN-5 Package Pin-out and Dimensions for the ZLED7320, ZLED7520 and ZLED7720 ................................... 25
6
Ordering Information ................................................................................................................................................... 27
7
Document Revision History ......................................................................................................................................... 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28