| データシートサーチシステム |
|
ZSC31150FEC-R データシート(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZSC31150FEC-R データシート(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 25 page ![]() ZSC31150 Fast Automotive Sensor Signal Conditioner Data Sheet August 16, 2011 © 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice. 17 of 24 2.9. High Voltage, Reverse Polarity and Short Circuit Protection The ZSC31150 is designed for 5V power supply operation. The ZSC31150 and the connected sensor are protected from overvoltage and reverse polarity damage by an internal supply voltage limiter. The analog output AOUT can be connected (short circuit, overvoltage and reverse) with all potentials in protection range under all potential conditions at the pins VDDE and VSSE. All external components – explained in application circuit in chapter 3 – are required to guarantee this operation. The protection is no time limited. Refer 'ZSC31150 High Voltage Protection Description' for a detailed description of protection cases and conditions. |