データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZSC31150FLD-R データシート(PDF) 17 Page - List of Unclassifed Manufacturers

部品番号 ZSC31150FLD-R
部品情報  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FLD-R データシート(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FLD-R Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
17 of 24
2.9.
High Voltage, Reverse Polarity and Short Circuit Protection
The ZSC31150 is designed for 5V power supply operation.
The ZSC31150 and the connected sensor are protected from overvoltage and reverse polarity damage by an
internal supply voltage limiter. The analog output AOUT can be connected (short circuit, overvoltage and
reverse) with all potentials in protection range under all potential conditions at the pins VDDE and VSSE.
All external components – explained in application circuit in chapter 3 – are required to guarantee this
operation. The protection is no time limited. Refer 'ZSC31150 High Voltage Protection Description' for a
detailed description of protection cases and conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25