| データシートサーチシステム |
|
EA074-R データシート(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EA074-R データシート(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 7 page ![]() EABEZELS Page 6 Specifications may be changed without prior notice. Printing error reserved Zeppelinstraße 19 · D-82205 Gilching · Tel. +49-(0)8105-778090 · Fax: +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de FRONTPANEL AND MOUNTING BEZELS FOR SPECIAL MODULES EA 033-K 45,7 18,2 72,0 36,0 68,0 33,0 62 x 27 EA 4060-DP EA 033-R 45,7 18,2 72,0 36,0 68,0 33,0 62 x 27 EA 4040-DP EA 044 32,5 13,0 48,0 24,0 45,0 22,5 snap-in EA 4044 EA 055 42,5 17,5 60,0 30,0 57,0 27,0 snap-in EA 4055/-S EA 055-31 42,5 17,5 60,0 30,0 57,0 27,0 snap-in EA 1031-N,EA 4050 The snap-in bezel is delivered in two parts: the bezel and the window. The bezel is pressed from the frontside into the frontpanel and the corresponding module is snapped in from the rearside of the frontpanel. Finally the window is pasted up to the bezel. Ordering information viewing area bezel size cutout mounting matching module (all dimensions in mm) |