| データシートサーチシステム |
|
EAEVALEDIP128W データシート(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EAEVALEDIP128W データシート(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 29 page ![]() EAeDIP128-6 Page 21 ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice. Printing and typographical errors reserved. DISPLAY BLINK MODE After power on or the command 'ESC DG 0' the eDIP128 is in blink mode. Two picture contents are alternatly shown in an adjustable period. Blink attributs are set by the commands 'ESC ZB, UB, GB n1': n1=0: no blink n1=1: On/Off blink n1=2: blink inverted n1=3: Off/On blink (phase shifted) Between strings ('ESC ZL,ZC,ZR. ..), flashing can be activated locally: Strings between two ‘~’ ($7E) mean blink on/off. Strings between two ‘&’ ($26) mean blink off/on phase shifted. Strings between two '@' ($40) mean blink inverted. In addition you can assign or delete postly an rectangle area a blink mode, by using the command 'ESC Q...' |