| データシートサーチシステム |
|
NRH3012T-R0NN データシート(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc |
|
|
|||||||||||||||||||||||||||||
NRH3012T-R0NN データシート(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc |
|
10 / 22 page ![]() 14 ▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification. Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/). 46 / ■PARTS NUMBER ●NR 4012 Shielded type Saturation current Idc1 Temperature rise current Idc2 NR 4012T 1R0N RoHS 1.0 ±30% 131 0.060 2,500 1,500 100 NR 4012T 2R2M RoHS 2.2 ±20% 66 0.090 1,650 1,200 100 NR 4012T 3R3M RoHS 3.3 ±20% 50 0.130 1,200 980 100 NR 4012T 4R7M RoHS 4.7 ±20% 45 0.140 1,050 960 100 NR 4012T 6R8M RoHS 6.8 ±20% 35 0.180 900 840 100 NR 4012T 100M RoHS 10 ±20% 28 0.240 740 770 100 NR 4012T 150M RoHS 15 ±20% 23 0.400 560 600 100 NR 4012T 220M RoHS 22 ±20% 18 0.480 510 540 100 NR 4012T 330M RoHS 33 ±20% 15 0.810 400 420 100 NR 4012T 470M RoHS 47 ±20% 12 1.00 350 370 100 ●NR 4018 Shielded type Saturation current Idc1 Temperature rise current Idc2 NR 4018T 1R0N RoHS 1.0 ±30% 80 0.030 4,000 1,830 100 NR 4018T 2R2M RoHS 2.2 ±20% 52 0.060 2,700 1,440 100 NR 4018T 3R3M RoHS 3.3 ±20% 44 0.070 2,000 1,230 100 NR 4018T 4R7M RoHS 4.7 ±20% 34 0.090 1,700 1,200 100 NR 4018T 6R8M RoHS 6.8 ±20% 29 0.110 1,450 1,060 100 NR 4018T 100M RoHS 10 ±20% 24 0.180 1,200 840 100 NR 4018T 150M RoHS 15 ±20% 19 0.250 940 650 100 NR 4018T 220M RoHS 22 ±20% 16 0.360 800 590 100 NR 4018T 330M RoHS 33 ±20% 12 0.530 650 490 100 NR 4018T 470M RoHS 47 ±20% 10 0.650 570 420 100 NR 4018T 680M RoHS 68 ±20% 8.3 1.00 470 320 100 NR 4018T 101M RoHS 100 ±20% 6.5 1.50 400 270 100 NR 4018T 151M RoHS 150 ±20% 5.5 2.50 310 220 100 NR 4018T 221M RoHS 220 ±20% 4.0 4.00 270 170 100 ●NR 5040 Shielded type Saturation current Idc1 Temperature rise current Idc2 NR 5040T 1R5N RoHS 1.5 ±30% 60 0.020 6,000 3,600 100 NR 5040T 2R2N RoHS 2.2 ±30% 42 0.022 4,600 3,500 100 NR 5040T 3R3N RoHS 3.3 ±30% 32 0.027 3,800 3,300 100 NR 5040T 4R7N RoHS 4.7 ±30% 28 0.029 3,300 3,100 100 NR 5040T 6R8M RoHS 6.8 ±20% 21 0.049 2,600 2,300 100 NR 5040T 100M RoHS 10 ±20% 18 0.056 2,300 2,100 100 NR 5040T 150M RoHS 15 ±20% 13 0.080 2,000 1,800 100 NR 5040T 220M RoHS 22 ±20% 9 0.126 1,600 1,400 100 NR 5040T 330M RoHS 33 ±20% 7 0.180 1,300 1,200 100 NR 5040T 470M RoHS 47 ±20% 6 0.310 1,100 900 100 ●NR 6012 Shielded type Saturation current Idc1 Temperature rise current Idc2 NR 6012T 2R5NE RoHS 2.5 ±30% 45 0.090 2,100 1,730 100 NR 6012T 4R0NE RoHS 4.0 ±30% 39 0.105 1,800 1,570 100 NR 6012T 5R3ME RoHS 5.3 ±20% 34 0.125 1,500 1,400 100 NR 6012T 6R8ME RoHS 6.8 ±20% 30 0.165 1,300 1,180 100 NR 6012T 100ME RoHS 10 ±20% 22 0.235 1,000 1,000 100 NR 6012T 150ME RoHS 15 ±20% 18 0.330 800 790 100 NR 6012T 220ME RoHS 22 ±20% 12 0.530 760 630 100 NR 6012T 330ME RoHS 33 ±20% 8 0.700 590 530 100 NR 6012T 470ME RoHS 47 ±20% 6 1.05 520 460 100 NR 6012T 680ME RoHS 68 ±20% 3 1.35 440 410 100 NR 6012T 101ME RoHS 100 ±20% 1 2.18 350 320 100 ●NR 6020 Shielded type Saturation current Idc1 Temperature rise current Idc2 NR 6020T 0R8N RoHS 0.8 ±30% 110 0.020 5,500 3,800 100 NR 6020T 1R5N RoHS 1.5 ±30% 93 0.026 4,000 3,200 100 NR 6020T 2R2N RoHS 2.2 ±30% 73 0.034 3,200 2,700 100 NR 6020T 3R3N RoHS 3.3 ±30% 55 0.040 2,800 2,600 100 NR 6020T 4R7N RoHS 4.7 ±30% 43 0.058 2,400 2,000 100 NR 6020T 6R8N RoHS 6.8 ±30% 30 0.085 2,000 1,800 100 NR 6020T 100M RoHS 10 ±20% 18 0.125 1,700 1,400 100 NR 6020T 220M RoHS 22 ±20% 11 0.290 1,050 950 100 ※) The saturation current value (Idc1) is the DC current value having inductance decrease down to 30%. (at 20℃) ※) The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40℃. (at 20℃) ※) The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value. Rated current ※) [mA] Measuring frequency[kHz] Parts number EHS Nominal inductance [μH] Inductance tolerance Parts number EHS Self-resonant frequency [MHz](min.) DC Resistance [Ω](±20%) Self-resonant frequency [MHz](min.) DC Resistance [Ω](±20%) Parts number EHS Nominal inductance [μH] Inductance tolerance Rated current ※) [mA] Measuring frequency[kHz] Nominal inductance [μH] Inductance tolerance Self-resonant frequency [MHz](min.) DC Resistance [Ω](±30%) Rated current ※) [mA] Measuring frequency[kHz] Parts number EHS Nominal inductance [μH] Inductance tolerance Rated current ※) [mA] Measuring frequency[kHz] Self-resonant frequency [MHz](min.) DC Resistance [Ω](±20%) Self-resonant frequency [MHz](min.) DC Resistance [Ω](±20%) Parts number EHS Nominal inductance [μH] Inductance tolerance Rated current ※) [mA] Measuring frequency[kHz] i_smd_NR_e-E02R01 |