データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AC164301 データシート(PDF) 2 Page - Microchip Technology

部品番号 AC164301
部品情報  MPLAB PM3 Universal Device Programmer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC164301 データシート(HTML) 2 Page - Microchip Technology

  AC164301 Datasheet HTML 1Page - Microchip Technology AC164301 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo, the Microchip logo, dsPIC, KEELOQ, MPLAB, PIC, PICmicro, PICSTART, PRO MATE and PowerSmart are registered trademarks of Microchip Technology Incorporated
in the U.S.A. and other countries. FilterLab, microID, MXDEV, MXLAB, PICMASTER, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology
Incorporated in the U.S.A. Accuron, Application Maestro, dsPICDEM, dsPICDEM.net, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC,
microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICC, PICkit, PICDEM, PICDEM.net, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPIC, Select Mode, SmartSensor,
SmartShunt, SmartTel and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Serialized Quick Turn Programming (SQTP) is a service mark of
Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies.
© 2003, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. 10/03
DS51444A
*DS51444A*
Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199 USA • (480) 792-7200 • FAX (480) 792-7277
Part Numbers and Ordering Information:
Development Tools from Microchip
MPLAB®IDE
Integrated Development Environment (IDE)
MPASM™ Assembler
Universal PICmicro®Macro-Assembler
MPLINK™ Linker/MPLIB™ Librarian
Linker/Librarian
MPLAB SIM Simulator
Software Simulator
MPLAB C18
C Compiler for PIC18CXXX MCUs
MPLAB C30
C Compiler for dsPIC30F MCUs
PICkit™ 1
Flash Starter Kit
MPLAB ICD 2
In-Circuit Debugger
MPLAB ICE 2000
Full-featured Modular In-Circuit Emulator for PIC12, PIC16 and PIC18 MCUs
MPLAB ICE 4000
Full-featured Modular In-Circuit Emulator for PIC18 and dsPIC MCUs
PICSTART® Plus Programmer
Entry-level Development Kit with Programmer
MPLAB PM3 Device Programmer
Full-featured, Modular Device Programmer
KEELOQ®Evaluation Kit
Encoder/Decoder Evaluator
micro
ID™ Developer’s Kit
125 kHz and 13.56 MHz RFID Development Tools
Americas
Atlanta
(770) 640-0034
Boston
(978) 692-3848
Chicago
(630) 285-0071
Dallas
(972) 818-7423
Detroit
(248) 538-2250
Kokomo
(765) 864-8360
Los Angeles
(949) 263-1888
Phoenix
(480) 792-7966
San Jose
(408) 436-7950
Toronto
(905) 673-0699
Asia/Pacific
Australia
61-2-9868-6733
China – Beijing
86-10-85282100
China – Chengdu
86-28-86766200
China – Fuzhou
86-591-7503506
China – Hong Kong SAR
852-2401-1200
China – Qingdao
86-532-5027355
China – Shanghai
86-21-6275-5700
China – Shenzhen
86-755-82901380
China – Shunde
86-765-8395507
India
91-80-2290061
Japan
81-45-471- 6166
Korea
82-2-554-7200
Singapore
65-6334-8870
Taiwan
886-2-2717-7175
Taiwan – Kaohsiung
886-7-536-4818
Europe
Austria
43-7242-2244-399
Denmark
45-4420-9895
France
33-1-69-53-63-20
Germany
49-89-627-144-0
Italy
39-0331-742611
Netherlands
31-416-690399
United Kingdom
44-118-921-5869
As of 9/1/03
MPLAB PM3 Universal Microchip Device Programmer
Part Number
Description
Availability
DV007004
MPLAB PM3 Programmer Unit
Q1 2004
AC164301
40P DIP Socket Module
Q1 2004
AC164302
16L (.150²)/28L (.300²) SOIC
Q1 2004
AC164303
64L TQFP SOIC Socket
Q1 2004
AC164304
80L TQFP Socket
Q1 2004
AC164305
44L TQFP Socket
Q1 2004
AC164306
20L TSSOP Socket
Q1 2004
AC164307
28L SSOP Socket
Q1 2004
AC164308
68L PLCC Socket
Q1 2004
AC164309
44L PLCC Socket
Q1 2004
AC164310
84L PLCC Socket
Q1 2004
AC164311
44L MQFP SOIC Socket
Q1 2004
AC164312
16L (.208²) SOIC Socket
Q1 2004
AC164313
64L PF (14x14) Socket
Q1 2004
AC164314
80L PF (14x14) Socket
Q1 2004
AC164350
PROMATE II to PM3 Socket Module Adapter
Q1 2004
Supported Devices: All PICmicro®MCU and dsPIC30F devices are supported.



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com