| データシートサーチシステム |
|
MMBD4448HTW データシート(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
MMBD4448HTW データシート(HTML) 3 Page - Diodes Incorporated |
|
3 / 3 page ![]() DS30153 Rev. 7 - 2 3 of 3 MMBD4448HCQW /AQW /ADW /CDW /SDW /TW 04 6 8 2 10 I , FORWARD CURRENT (mA) Fig. 1. Reverse Recovery Time vs. Forward Current F 0 0.5 1.0 1.5 2.0 2.5 0.10 1.0 10.0 0.01 0.001 0 20 40 60 80 V , REVERSE VOLTAGE (V) Fig. 2 Reverse Current vs Reverse Voltage R Ta = 100 C ° Ta=0 C ° Ta=75 C ° Ta=50 C ° Ta=25 C ° Ta=-30 C ° 10 100 1 0.1 0 1000 800 200 400 600 V , FORWARD VOLTAGE (mV) Fig. 4 Forward Current vs. Forward Voltage F Ta=-30 C ° Ta=50 C ° Ta=0 C ° Ta=85 C ° Ta=25 C ° 04 3 2 5 1 6 V , REVERSE VOLTAGE (V) Fig. 3. Typical Junction Capacitance vs. Reverse Voltage R 0 1 2 3 4 |