| データシートサーチシステム |
|
AT607 データシート(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT607 データシート(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 34 page ![]() Accessories & Hardware www.nkk.com Y18 Y AT625 Super Bright Single Element LED Color: G Series: KB LB YB YB2 T-1 Bi-pin AT627 Bright 4-Element LED With Resistor; Volts: 5 12 24 Colors: C D F Series: LB T-1 Bi-pin AT628 Bright Double Element LED Colors: C D F Series: YB YB2 T-1 Bi-pin AT629 Single Element LED Color: B Series: HB T-1 Bi-pin AT630 Single Element LED Color: F Series: HB T-1 Bi-pin AT631 Super Bright Single Element LED Color: B Series: KB LB YB YB2 T-1 Bi-pin AT632 Super Bright Single Element LED Color: F Series: KB LB YB YB2 T-1 Bi-pin AT633 Single Element LED Colors: C D F Series: HB T-1 Bi-pin AT634 Bright 2- or 4-Element LED With Resistor; Volts: 5 12 24 Colors: C D F Series: KB YB YB2 T-11⁄4 Bi-pin AT635 Bright Single Element LED Colors: C D F Series: KB LB T-11⁄2 Bi-pin AT636 Bright Single Element LED With Resistor; Volts: 5 12 24 Color: F Series: YB2 T-11⁄4 Bi-pin (5.0) .197 (1.0) .039 (10.4) .410 (2.5) .098 (3.1) Dia .122 (0.5) Sq Typ .020 (3.8) .150 (5.2) .205 (8.4) .331 (3.0) Dia .118 (3.8) Dia .150 (0.5) Sq Typ .020 (2.54) .100 (11.0) .433 (4.3) Max .169 (5.6) .220 (2.54) .100 (11.6) .457 (–) (+) (5.0) .197 (1.0) .039 (4.8) Dia .189 (5.6) Dia .220 (0.5) Sq Typ .020 (2.54) .100 (4.4) Max .173 (11.0) .433 (5.6) .220 (2.54) .100 (5.0) .197 (1.0) .039 (8.6) .339 (2.5) .098 (3.1) Dia .122 (0.5) Sq Typ .020 (3.8) .150 (5.0) .197 (1.0) .039 (8.2) .323 (2.5) .098 (3.1) Dia .122 (0.5) Sq Typ .020 (3.8) .150 (5.0) .197 (1.0) .039 (10.8) .426 (2.5) .098 (3.1) Dia .122 (0.5) Sq Typ .020 (3.8) .150 (5.0) .197 (1.0) .039 (10.2) .402 (2.5) .098 (3.1) Dia .122 (0.5) Sq Typ .020 (3.8) .150 (4.5) Max .177 (8.6) .339 (6.0) .236 (8.0) .315 (0.58) Dia Typ .023 (2.54) .100 Color Codes: A Black B White C Red D Amber E Yellow F Green G Blue H Gray J Clear (11.0) .433 (4.3) Max .169 (5.6) .220 (2.54) .100 |