データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PBPA19029 データシート(PDF) 1 Page - Hammond Manufacturing Ltd.

部品番号 PBPA19029
部品情報  Mounting hardware not included
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMMOND [Hammond Manufacturing Ltd.]
ホームページ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PBPA19029 データシート(HTML) 1 Page - Hammond Manufacturing Ltd.

  PBPA19029 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
PBPA19029
NOTES
Material: 0.125" Aluminum.
Mounting hardware not included.
12X
0.250 X 0.531, SLOT
PAINTED RAL7035 GRAY (SEMI-GLOSS)
PART NUMBERS
UNFINISHED
PBPA19029UNF
PBPA19029BK2
PAINTED BLACK (SEMI-GLOSS)
PBPA19029CG2
PAINTED RAL7032 GRAY (SEMI-GLOSS)
PBPA19029GY2
PAINTED ASA61 GRAY (SEMI-GLOSS)
PBPA19029LG2
29.72 in
755 mm
19.00 in
483 mm
18.19 in
462 mm
5.25 in
133 mm
5.25 in
133 mm
1.48 in
38 mm
5.25 in
133 mm
5.25 in
133 mm
5.75 in
146 mm


同様の部品番号 - PBPA19029

メーカー部品番号データシート部品情報
logo
Hammond Manufacturing L...
PBPA19029BK2 HAMMOND-PBPA19029BK2 Datasheet
38Kb / 2P
Aluminum Rack Panels
PBPA19029BK2 HAMMOND-PBPA19029BK2 Datasheet
120Kb / 1P
Aluminum Rack Panels
8/1/2018
PBPA19029GY2 HAMMOND-PBPA19029GY2 Datasheet
38Kb / 2P
Aluminum Rack Panels
PBPA19029GY2 HAMMOND-PBPA19029GY2 Datasheet
120Kb / 1P
Aluminum Rack Panels
8/1/2018
PBPA19029LG2 HAMMOND-PBPA19029LG2 Datasheet
38Kb / 2P
Aluminum Rack Panels
More results

同様の説明 - PBPA19029

メーカー部品番号データシート部品情報
logo
Hammond Manufacturing L...
PBFS19005 HAMMOND-PBFS19005 Datasheet
68Kb / 1P
Mounting hardware not included
PBFS19008 HAMMOND-PBFS19008 Datasheet
68Kb / 1P
Mounting hardware not included
PBFS19010 HAMMOND-PBFS19010 Datasheet
70Kb / 1P
Mounting hardware not included
PBFS19022 HAMMOND-PBFS19022 Datasheet
69Kb / 1P
Mounting hardware not included
PBPA19008 HAMMOND-PBPA19008 Datasheet
67Kb / 1P
Mounting hardware not included.
PBPA19026 HAMMOND-PBPA19026 Datasheet
68Kb / 1P
Mounting hardware not included
PBPS19001 HAMMOND-PBPS19001 Datasheet
66Kb / 1P
Mounting hardware not included
PBPS19003 HAMMOND-PBPS19003 Datasheet
66Kb / 1P
Mounting hardware not included
PBPS19029 HAMMOND-PBPS19029 Datasheet
68Kb / 1P
Mounting hardware not included
PCMDS19001 HAMMOND-PCMDS19001 Datasheet
283Kb / 1P
Mounting hardware not included
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com