データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L5150CS データシート(PDF) 33 Page - STMicroelectronics

部品番号 L5150CS
部品情報  5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS データシート(HTML) 33 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 26Page - STMicroelectronics L5150CS Datasheet HTML 27Page - STMicroelectronics L5150CS Datasheet HTML 28Page - STMicroelectronics L5150CS Datasheet HTML 29Page - STMicroelectronics L5150CS Datasheet HTML 30Page - STMicroelectronics L5150CS Datasheet HTML 31Page - STMicroelectronics L5150CS Datasheet HTML 32Page - STMicroelectronics L5150CS Datasheet HTML 33Page - STMicroelectronics L5150CS Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
L5150CJ / L5150CS
Revision history
Doc ID 15542 Rev. 15
33/34
09-Jun-2009
7
Changed document title
Table 5: General
–Ioth_H, Ioth_L: added test condition
Updated Figure 4: Output voltage vs. VS
Section 3.3: Early warning
– changed internal voltage reference typical value
from 1.23 V to 2.5 V
Updated Figure 28: PowerSSO-12 thermal impedance junction
ambient single pulse
Updated Figure 32: SO-8 thermal impedance junction ambient single
pulse
04-Dec-2009
8
Updated features list.
Updated Table 2: Pins description.
Updated Section 3.1: Voltage regulator.
Corrected Equation 3 on Section 3.2: Reset.
26-Mar-2010
9
Updated Table 5: General:
–Iqn_1, Iqn_150: removed test condition En = high.
12-Apr-2010
10
Table 4: Thermal data:
–Rthj-amb: updated PowerSSO-12 value
14-Mar-2011
11
Table 4: Thermal data:
–Rthj-amb: updated PowerSSO-12 value
–Rthj-lead: updated SO-8 value
30-Jan-2012
12
Updated Figure 22: Stability region on page 15.
07-Feb-2012
13
Modified Figure 22: Stability region on page 15.
17-Apr-2012
14
Table 6: Reset:
–Trd: updated maximum value
19-Sep-2013
15
Updated disclaimer.
Table 12.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com