| データシートサーチシステム |
|
ES-R-2X01B-M データシート(PDF) 15 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ES-R-2X01B-M データシート(HTML) 15 Page - List of Unclassifed Manufacturers |
|
15 / 20 page ![]() Document Reference No.: ES_000086 ES-R-2x01B-M RS-232 to RS-422/RS-485 Converters Manual Version 1.0 Clearance No.: ES #42 ©2010 - 2011 EasySYNC Ltd. 15 Wiring Diagrams The following diagram shows an RS-485 full-duplex bus. The ES-R-2x01B-M has a built-in resistor for terminating its RxD ± input, which can be enabled using a jumper. The Tx ± lines which are outputs from the ES-R-2x01B-M would be terminated at the receiver at the other end of the bus as shown. Twisted pair wires are required for each signal pair. Figure 7 RS-485 Full Duplex Wiring RS-485 Device ES-R-2x01B-M RxD+ TxD+ RxD- TxD- TxD+ RxD+ TxD- RxD- GND GND |