データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM4401 データシート(PDF) 1 Page - Union Semiconductor, Inc.

部品番号 UM4401
部品情報  4 Line ESD/EMI Protection for Color LCD Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UNIONSEMI [Union Semiconductor, Inc.]
ホームページ  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4401 データシート(HTML) 1 Page - Union Semiconductor, Inc.

  UM4401 Datasheet HTML 1Page - Union Semiconductor, Inc. UM4401 Datasheet HTML 2Page - Union Semiconductor, Inc. UM4401 Datasheet HTML 3Page - Union Semiconductor, Inc. UM4401 Datasheet HTML 4Page - Union Semiconductor, Inc. UM4401 Datasheet HTML 5Page - Union Semiconductor, Inc. UM4401 Datasheet HTML 6Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.01 Apr.2008
1/6
UM4401
4 Line ESD/EMI Protection for Color LCD Interfaces
UM4401 DFN8 2.1 X 1.6
General Description
The UM4401 is a low pass filter array with integrated TVS diodes. It is designed to suppress
unwanted EMI/RFI signals and provide electrostatic discharge (ESD) protection in portable
electronic equipment. This state-of-the-art device utilizes silicon-avalanche technology for
superior clamping performance and DC electrical characteristics. It has been optimized for
protection of color LCD panels in cellular phones and other portable electronics.
The device consists of four identical circuits comprised of TVS diodes for ESD protection, and a
RC network for EMI filtering. A series resistor value of 100Ω and a capacitance value of 10pF are
used to achieve 25dB minimum attenuation from 800 MHz to 2.5GHz. The TVS diodes provide
effective suppression of ESD voltages in excess of ±15kV (air discharge) and ±8kV (contact
discharge) per IEC 61000-4-2, level 4.
The UM4401 is in a 8-pin, RoHS compliant DFN8 package. It measures 2.1mm x 1.6mm. The
leads are spaced at a pitch of 0.5mm and are finished with lead-free Ni Pd. The small package
makes it ideal for use in portable electronics such as cell phones, digital still cameras, and PDAs.
Applications
Features
EMI Filtering and ESD Protection for
Data Lines
Wireless Phones
Handheld Products
Notebook Computers
LCD Displays
EMI/RFI Filter with Integrated TVS for
ESD Protection
ESD Protection to IEC 61000-4-2 (ESD)
Level 4, ±15kV (air), ±8kV (contact)
25dB Minimum Attenuation: 800MHz to
2.5GHz
Working Voltage: 5V
Resistor: 100Ω ±15%
Typical Capacitance: 10pF (VR = 2.5V)
Solid-state Technology
DFN8 Package: 2.1mm x 1.6 mm
Moisture Sensitivity Level 1
Pin Configurations
Top View
Cd
Cd
8
2
5
7
1
Cd
Cd
Cd
Cd
6
Cd
3
Cd
4
M: Monthly Code
UM4401
DFN8 2.1×1.6


同様の部品番号 - UM4401

メーカー部品番号データシート部品情報
logo
Union Semiconductor, In...
UM4401 UNIONSEMI-UM4401_16 Datasheet
226Kb / 6P
4 Line ESD/EMI Protection for Color LCD Interfaces
More results

同様の説明 - UM4401

メーカー部品番号データシート部品情報
logo
Union Semiconductor, In...
UM8411 UNIONSEMI-UM8411 Datasheet
239Kb / 7P
8 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401 Datasheet
319Kb / 7P
8 Line ESD/EMI Protection for Color LCD Interfaces
UM6411 UNIONSEMI-UM6411 Datasheet
359Kb / 7P
6 Line ESD/EMI Protection for Color LCD Interfaces
UM4601 UNIONSEMI-UM4601 Datasheet
410Kb / 11P
Multi-line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411 Datasheet
219Kb / 6P
4 Line ESD/EMI Protection for Color LCD Interfaces
UM4401 UNIONSEMI-UM4401_16 Datasheet
226Kb / 6P
4 Line ESD/EMI Protection for Color LCD Interfaces
UM4411 UNIONSEMI-UM4411_16 Datasheet
234Kb / 6P
4 Line ESD/EMI Protection for Color LCD Interfaces
UM4701 UNIONSEMI-UM4701_16 Datasheet
346Kb / 11P
Multi-line ESD/EMI Protection for Color LCD Interfaces
UM6411 UNIONSEMI-UM6411_16 Datasheet
264Kb / 7P
6 Line ESD/EMI Protection for Color LCD Interfaces
UM8401 UNIONSEMI-UM8401_16 Datasheet
260Kb / 7P
8 Line ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com