データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD103AWS データシート(PDF) 2 Page - Diodes Incorporated

部品番号 SD103AWS
部品情報  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103AWS データシート(HTML) 2 Page - Diodes Incorporated

  SD103AWS Datasheet HTML 1Page - Diodes Incorporated SD103AWS Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
3. For Packaging Details, go to our website at: http://www.diodes.com/datasheets/ap02007.pdf.
DS30101 Rev. 7 - 2
2 of 2
SD103AWS - SD103CWS
0
100
0
50
100
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
200
300
25
75
125
1.0
10
100
1000
0.10
0.01
0
0.5
1.0
V , FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
V , REVERSE VOLTAGE (V)
R
Fig. 3 Total Capacitance vs Reverse Voltage
100
0.1
1.0
10
010
20
30
40
f = 1MHz
XX = Product Type Marking Code
(See Page 1)
XX
Marking Information
Device
Packaging
Shipping
SD103AWS-7
SOD-323
3000/Tape & Reel
SD103BWS-7
SOD-323
3000/Tape & Reel
SD103CWS-7
SOD-323
3000/Tape & Reel
Ordering Information (Note 3)



Html Pages

1 2