データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA150A データシート(PDF) 2 Page - Diodes Incorporated

部品番号 SA150A
部品情報  500W TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA150A データシート(HTML) 2 Page - Diodes Incorporated

  SA150A Datasheet HTML 1Page - Diodes Incorporated SA150A Datasheet HTML 2Page - Diodes Incorporated SA150A Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS21501 Rev. 10 - 2
2 of 3
SA5V0A - SA170A
Type Number
(Suffix C =
Bidirectional)
(Note 1)
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ It
Test
Current
Max.
Clamping
Voltage
@IPP
Max.
Peak
Pulse Current
Max.
Reverse
Leakage
@VR
(Note 2)
Max. Voltage
Temp.
Variation
of VBR
VR (V)
Min (V)
Max (V)
It (mA)
VC (V)
IPP (A)
IR (
mA)
mV/°C
SA5V0(C)A
5.0
6.40
7.00
10
9.2
54.3
600
5.0
SA6V0(C)A
6.0
6.67
7.37
10
10.3
48.5
600
5.0
SA6V5(C)A
6.5
7.22
7.98
10
11.2
44.7
400
5.0
SA7V0(C)A
7.0
7.78
8.60
10
12.0
41.7
150
6.0
SA7V5(C)A
7.5
8.33
9.21
1.0
12.9
38.8
50
7.0
SA8V0(C)A
8.0
8.89
9.83
1.0
13.6
36.7
25
7.0
SA8V5(C)A
8.5
9.44
10.4
1.0
14.4
34.7
10
8.0
SA9V0(C)A
9.0
10.0
11.1
1.0
15.4
32.5
5.0
9.0
SA10(C)A
10
11.1
12.3
1.0
17.0
29.4
3.0
10
SA11(C)A
11
12.2
13.5
1.0
18.2
27.4
3.0
11
SA12(C)A
12
13.3
14.7
1.0
19.9
25.1
3.0
12
SA13(C)A
13
14.4
15.9
1.0
21.5
23.2
3.0
13
SA14(C)A
14
15.6
17.2
1.0
23.2
21.5
3.0
14
SA15(C)A
15
16.7
18.5
1.0
24.4
20.6
3.0
16
SA16(C)A
16
17.8
19.7
1.0
26.0
19.2
3.0
17
SA17(C)A
17
18.9
20.9
1.0
27.6
18.1
3.0
19
SA18(C)A
18
20.0
22.1
1.0
29.2
17.2
3.0
20
SA20(C)A
20
22.2
24.5
1.0
32.4
15.4
3.0
23
SA22(C)A
22
24.4
26.9
1.0
35.5
14.1
3.0
25
SA24(C)A
24
26.7
29.5
1.0
38.9
12.8
3.0
28
SA26(C)A
26
28.9
31.9
1.0
42.1
11.9
3.0
30
SA28(C)A
28
31.1
34.4
1.0
45.4
11.0
3.0
31
SA30(C)A
30
33.3
36.8
1.0
48.4
10.3
3.0
36
SA33(C)A
33
36.7
40.6
1.0
53.3
9.4
3.0
39
SA36(C)A
36
40.0
44.2
1.0
58.1
8.6
3.0
41
SA40(C)A
40
44.4
49.1
1.0
64.5
7.8
3.0
46
SA43(C)A
43
47.8
52.8
1.0
69.4
7.2
3.0
50
SA45(C)A
45
50.0
55.3
1.0
72.7
6.9
3.0
52
SA48(C)A
48
53.3
58.9
1.0
77.4
6.5
3.0
56
SA51(C)A
51
56.7
62.7
1.0
82.4
6.1
3.0
61
SA54(C)A
54
60.0
66.3
1.0
87.1
5.7
3.0
65
SA58(C)A
58
64.4
71.2
1.0
93.6
5.3
3.0
70
SA60(C)A
60
66.7
73.7
1.0
96.8
5.2
3.0
71
SA64(C)A
64
71.1
78.6
1.0
103.0
4.9
3.0
76
SA70(C)A
70
77.8
86.0
1.0
113.0
4.4
3.0
85
SA75(C)A
75
83.3
92.1
1.0
121.0
4.1
3.0
91
SA78(C)A
78
86.7
95.8
1.0
126.0
4.0
3.0
95
SA85(C)A
85
94.4
104.0
1.0
137.0
3.6
3.0
103
SA90(C)A
90
100
111.0
1.0
146.0
3.4
3.0
110
SA100(C)A
100
111
123.0
1.0
162.0
3.1
3.0
123
SA110(C)A
110
122
135.0
1.0
177.0
2.8
3.0
133
SA120(C)A
120
133
147.0
1.0
193.0
2.6
3.0
146
SA130(C)A
130
144
159.0
1.0
209.0
2.4
3.0
158
SA150(C)A
150
167
185.0
1.0
243.0
2.1
3.0
184
SA160(C)A
160
178
197.0
1.0
259.0
1.9
3.0
196
SA170(C)A
170
189
209.0
1.0
275.0
1.8
3.0
208
Notes:
1. Suffix “A” denotes unidirectional, suffix “CA” denotes bi-directional device.
2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled.



Html Pages

1 2 3