| データシートサーチシステム |
|
WIRELESSMBUSEK データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
WIRELESSMBUSEK データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 12 page ![]() 3 / W IR E L E S S P R O D U C T S E L EC T O R G U ID E Turnkey Support FIND THE EVALUATION TOOLS AND REFERENCE DESIGNS TO HELP YOU GET STARTED: www.silabs.com/wireless Development Support Silicon Labs offers complete tools to help designers throughout the entire project. The microcontroller, EZRadio® and EZRadioPRO® wireless solutions offer hardware and software platforms to easily set up and configure, compile and debug a project. Full documentation and a broad range of third-party compilers and development tools are available. Software stacks provide networking support for multi-node metering networks. Software simulation tools can estimate power consumption and determine expected battery life. Complete development/prototyping system includes the following: • Prototyping/demonstration board • USB adapter for in-system programming and debugging • Silicon Laboratories IDE • MCU configuration wizard Si4320 WIRELESS REMOTE CONTROL DEMO BOARD Si1000 TARGET BOARD WITH EZRadio® TEST CARD Si1020 UNIVERSAL DEVELOPMENT PLATFORM DAUGHTER CARD Si4431/ C8051F342 EZRadioPRO® USB DONGLE |