| データシートサーチシステム |
|
AP-CF004GR9NS-RMA データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AP-CF004GR9NS-RMA データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 20 page ![]() Compact Flash 5 series AP-CFxxxxRXXS-XXXXXXA 6 © 2013 Apacer Technology Inc. Rev. 1.2 Table 3-1: Pin assignments (2 of 2) Memory card mode I/O card mode True IDE mode Pin No. Signal name Pin I/O type Signal name Pin I/O type Signal name Pin I/O type 42 #WAIT O #WAIT O IORDY O 43 #INPACK O #INPACK O DMARQ 2 O 44 #REG I #REG I DMACK 2 I 45 BVD2 O #SPKR O #DASP I/O 46 BVD1 O #STSCHG O #PDIAG I/O 47 D8 I/O D8 I/O D8 I/O 48 D9 I/O D9 I/O D9 I/O 49 D10 I/O D10 I/O D10 I/O 50 GND - GND - GND - 1. The signal should be grounded by the host. 2. Connection required when UDMA is in use. |