データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD830CP40 データシート(PDF) 3 Page - STMicroelectronics

部品番号 STD830CP40
部品情報  Complementary transistor pair in a single package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD830CP40 データシート(HTML) 3 Page - STMicroelectronics

  STD830CP40 Datasheet HTML 1Page - STMicroelectronics STD830CP40 Datasheet HTML 2Page - STMicroelectronics STD830CP40 Datasheet HTML 3Page - STMicroelectronics STD830CP40 Datasheet HTML 4Page - STMicroelectronics STD830CP40 Datasheet HTML 5Page - STMicroelectronics STD830CP40 Datasheet HTML 6Page - STMicroelectronics STD830CP40 Datasheet HTML 7Page - STMicroelectronics STD830CP40 Datasheet HTML 8Page - STMicroelectronics STD830CP40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STD830CP40
Electrical characteristics
Doc ID 15767 Rev 3
3/10
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Note:
For PNP types voltage and current values are negative
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
For NPN:
VCE = 700 V
VCE = 700 V
TC = 125°C
For PNP:
VCE = 500 V
VCE = 500 V
TC = 125°C
0.1
0.5
0.1
0.5
mA
mA
mA
mA
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 10 mA
For NPN:
For PNP:
10
5
18
10
V
V
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤300 µs, duty cycle ≤2 %.
Collector-emitter
sustaining voltage
(IB = 0)
IC = 5 mA
400
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 0.7 A
IB = 0.1 A
IC = 1 A
IB = 0.2 A
0.5
0.5
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 0.5 A_
_ IB = 0.1 A
IC = 1 A ____
IB = 0.2 A
1.1
1.2
V
V
hFE
(1)
DC current gain
IC = 10 mA
VCE = 5 V
IC = 0.7 A
VCE = 5 V
IC = 2 A
VCE = 5 V
10
18
4
34
tr
ts
tf
Resistive load
Rise time
Storage time
Fall time
IC = 0.7 A _
VCC = 250 V
IB1 = 0.14 A_ IB2 = -0.14 A
tp = 30 µs
100
2.4
100
ns
µs
ns
ts
tf
Inductive load
Storage time
Fall time
IC = 1 A _ _
IB1 = 0.2 A
VBE(off) = -5 V
RBB = 0
Vclamp = 200 V
L = 1 mH
450
100
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com