| データシートサーチシステム |
|
ACPL-H312 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-H312 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 17 page ![]() 2 Ordering Information ACPL-H312 /K312 is UL1577 recognized (3750 Vrms for 1 minute for ACPL-H312 and 5000 Vrms for 1 minute for ACPL- K312) Part number Option Package Surface Mount Tape & Reel UL 5000 Vrms/ 1 Minute rating IEC/EN/DIN EN 60747-5-2 Quantity RoHS Compliant ACPL-H312 -000E Stretched SO-8 X 80 per tube -500E X X 1000 per reel -060E X X 80 per tube -560E X X X 1000 per reel ACPL-K312 -000E Stretched SO-8 X X 80 per tube -500E X X X 1000 per reel -060E X X X 80 per tube -560E X X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-H312-560E to order product of Stretched SO8 Surface Mount package in Tape and Reel packaging with IEC/EN/ DIN EN 60747-5-2 Safety Approval in RoHS compliant. Example 2: ACPL-H312-000E to order product of Stretched SO8 Surface Mount package in Tube Packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |