| データシートサーチシステム |
|
ECOS2EB331BA データシート(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOS2EB331BA データシート(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 10 page ![]() Panasonic Industrial Company Aluminum Electrolytic Capacitors 14 Design and specifications are subject to change without notice. Contact the factory or your sales representative for technical specifications before purchase and/or use. When safety concerns arise, please contact Panasonic immediately for technical consultation. Compact size for general purpose and industrial applications 2 and 3 pin versions available 20mm lengths for low profile applications **Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature. Part Number System Diameter Code 22 B 25 C 30 D 35 E ± 20% 350 ~ 500 VDC -25 ~ +85°C 33 ~ 820µF Capacitance Tolerance: TS-UP Series 85°C, 3000 hours Nominal Capacitance: 120 ~ 68000µF Rated Working Voltage: Operating Temperature: 16 ~ 250 VDC -40 ~ +85°C Dissipation Factor: (120 Hz, +20°C) Leakage Current: Ripple Current Multipliers: Dimensions in millimeters 3000 hours* at +85°C with maximum specified ripple current (see page 4) Endurance: 3 CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV Diameter *2000 hours for 20mm length sizes Working Voltage [V]: Max. D.F. (%): 16 50 25 20 160 ~ 500 15 (rated cap. [µF] - 33000 ) 1000 For capacitance values > 33000µF, add the value of: 25 40 35 35 50 30 63 80 100 20 Frequency(Hz): 16~100WV: 50 160~450WV: 0.93 0.75 0.95 0.8 1.0 1.0 1.2 1.08 1.25 1.15 1.4 Ripple Current Ambient Temperature Factors** 45°C 1.5 60°C 70°C 85°C Temperature (°C): Multiplier: 1.0 1.3 1.4 1.05 60 100~120 500 1k 10k T L+2 max. D+1 max. Circuit Board Mounting Holes 10.0±0.1 Ø2.0±0.1 Ø2.0±0.1 4.75±0.1 Ø2.5 min. 3.3±0.1 T L+2 max. D+1 max. 10.0±0.1 2 x Ø2.0±0.1 Circuit Board Mounting Holes 2 Pin Mounting Style 3 Pin Mounting Style Pin Dimensions 4mm Length: Standard on 3 Pin, Available on 2 Pin Mounting Styles +0.2 "T" 6.3mm Length: Standard on 2 Pin Mounting Style Top of Capacitor Body 4.0±0.5 1.5±0.2 2.0 max. 0.8 +0.2 -0.1 3.5 6.3±1.0 1.5±0.2 2.0 max. 0.8 -0.1 4.0 E C O S P Capacitance Code Series Code 2S 2G 2T 2V 2E 2D 2C 2A 1K 1J 1H 1V 1E 25 35 50 63 80 100 160 200 250 350 385 400 420 Voltage Code 1C 16 2W 450 2H 500 Terminal Style ECOS ECEC ECE3 Prefix Length # of Pins 6.3mm 4.0mm 4.0mm 2 2 3 RoHS compliant PVC sleeve and top plate is standard. PET sleeve is available without top plate. Suffix A X L Standard Ratings Extended CV Ratings 20mm Length Ratings RoHS Compliant |
同様の部品番号 - ECOS2EB331BA |
|
同様の説明 - ECOS2EB331BA |