| データシートサーチシステム |
|
STUS014 データシート(PDF) 3 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
STUS014 データシート(HTML) 3 Page - EIC discrete Semiconductors |
|
3 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Voltage TYPE Voltage @ VRWM Current Voltage @ IRSM Temperature VBR (V) It VRWM IR IRSM VRSM Variation of VBR Min. Max. (mA) (V) ( µA) (A) (V) (mV / °C) STUS042 40.0 48.9 1.0 36.0 1.0 7.8 64.3 46.0 STUS542 40.0 44.2 1.0 36.0 1.0 8.6 58.1 41.0 STUS047 44.4 54.3 1.0 40.0 1.0 7.0 71.4 51.0 STUS547 44.4 49.1 1.0 40.0 1.0 7.8 64.5 46.0 STUS050 47.8 58.4 1.0 43.0 1.0 6.5 76.7 55.0 STUS550 47.8 52.8 1.0 43.0 1.0 7.2 69.4 50.0 STUS053 50.0 61.1 1.0 45.0 1.0 6.2 80.3 58.0 STUS553 50.0 55.3 1.0 45.0 1.0 6.9 72.7 52.0 STUS056 53.3 65.1 1.0 48.0 1.0 5.8 85.5 63.0 STUS556 53.3 58.9 1.0 48.0 1.0 6.5 77.4 56.0 STUS060 56.7 69.3 1.0 51.0 1.0 5.5 91.1 66.0 STUS560 56.7 62.7 1.0 51.0 1.0 6.1 82.4 61.0 STUS063 60.0 73.3 1.0 54.0 1.0 5.2 96.3 71.0 STUS563 60.0 66.3 1.0 54.0 1.0 5.7 87.1 65.0 STUS068 64.4 78.7 1.0 58.0 1.0 4.9 103 78.0 STUS568 64.4 71.2 1.0 58.0 1.0 5.3 93.6 70.0 STUS071 66.7 81.5 1.0 60.0 1.0 4.7 107 80.0 STUS571 66.7 73.7 1.0 60.0 1.0 5.2 96.8 71.0 STUS075 71.1 86.9 1.0 64.0 1.0 4.4 114 86.0 STUS575 71.1 78.6 1.0 64.0 1.0 4.9 103 76.0 STUS082 77.8 95.1 1.0 70.0 1.0 4.0 125 94.0 STUS582 77.8 86.0 1.0 70.0 1.0 4.4 113 85.0 STUS088 83.3 102 1.0 75.0 1.0 3.7 134 101 STUS588 83.3 92.1 1.0 75.0 1.0 4.1 121 91.0 STUS091 86.7 106 1.0 78.0 1.0 3.6 139 105 STUS591 86.7 95.8 1.0 78.0 1.0 4.0 126 95.0 STUS099 94.4 115 1.0 85.0 1.0 3.3 151 114 STUS599 94.4 104 1.0 85.0 1.0 3.6 137 103 STUS0B1 100 122 1.0 90.0 1.0 3.1 160 121 STUS5B1 100 111 1.0 90.0 1.0 3.4 146 110 STUS0B2 111 136 1.0 100 1.0 2.8 179 135 STUS5B2 111 123 1.0 100 1.0 3.1 162 123 STUS0B3 122 149 1.0 110 1.0 2.6 196 148 STUS5B3 122 135 1.0 110 1.0 2.8 177 133 STUS0B4 133 163 1.0 120 1.0 2.3 214 162 STUS5B4 133 147 1.0 120 1.0 2 193 146 STUS0B5 144 176 1.0 130 1.0 2.2 231 175 STUS5B5 144 159 1.0 130 1.0 2.4 209 158 STUS0B8 167 204 1.0 150 1.0 1.9 268 203 STUS5B8 167 185 1.0 150 1.0 2.1 243 184 STUS0B9 178 218 1.0 160 1.0 1.7 287 217 STUS5B9 178 197 1.0 160 1.0 1.9 259 196 STUS0D0 189 231 1.0 170 1.0 1.6 304 230 STUS5D0 189 209 1.0 170 1.0 1.8 275 208 Note: ( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent. ( 2 ) VF = 3.5 Vmax., IF = 35 Amps. ( 6.8 Volts thru 91 Volts ) VF = 5.0 Vmax., IF = 35 Amps. ( 150 Volts thru 200 Volts ) per 1/2square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. ( 3 ) "STU" or "STB" will be omitted in marking on the diode. |