| データシートサーチシステム |
|
STUS019 データシート(PDF) 2 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
STUS019 データシート(HTML) 2 Page - EIC discrete Semiconductors |
|
2 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Voltage TYPE Voltage @ VRWM Current Voltage @ IRSM Temperature VBR (V) It VRWM IR IRSM VRSM Variation of VBR Min. Max. (mA) (V) ( µA) (A) (V) (mV / °C) STUS06H 6.40 7.3 10 5.0 600 52.0 9.6 5.0 STUS56H 6.40 7.0 10 5.0 600 54.3 9.2 5.0 STUS07A 6.67 8.15 10 6.0 600 43.9 11.4 5.0 STUS57A 6.67 7.37 10 6.0 600 48.5 10.3 5.0 STUS07G 7.22 8.82 10 6.5 400 40.7 12.3 5.0 STUS57G 7.22 7.98 10 6.5 400 44.7 11.2 5.0 STUS08C 7.78 9.51 10 7.0 150 37.8 13.3 6.0 STUS58C 7.78 8.60 10 7.0 150 41.7 12.0 6.0 STUS08I 8.33 10.2 1.0 7.5 50 35.0 14.3 7.0 STUS58I 8.33 9.21 1.0 7.5 50 38.8 12.9 7.0 STUS09B 8.89 10.9 1.0 8.0 25 33.3 15.0 7.0 STUS59B 8.89 9.30 1.0 8.0 25 36.7 13.6 7.0 STUS010 9.44 11.5 1.0 8.5 5.0 31.4 15.9 8.0 STUS510 9.44 10.4 1.0 8.5 5.0 34.7 14.4 8.0 STUS011 10.0 12.2 1.0 9.0 1.0 29.5 16.9 9.0 STUS511 10.0 11.1 1.0 9.0 1.0 32.5 15.4 9.0 STUS012 11.1 13.6 1.0 10.0 1.0 26.6 18.8 10.0 STUS512 11.1 12.3 1.0 10.0 1.0 29.4 17.0 10.0 STUS013 12.2 14.9 1.0 11.0 1.0 24.9 20.1 11.0 STUS513 12.2 13.5 1.0 11.0 1.0 27.4 18.2 11.0 STUS014 13.3 16.3 1.0 12.0 1.0 22.7 22.0 12.0 STUS514 13.3 14.7 1.0 12.0 1.0 25.1 19.9 12.0 STUS015 14.4 17.6 1.0 13.0 1.0 21.0 23.8 13.0 STUS515 14.4 15.9 1.0 13.0 1.0 23.2 21.5 13.0 STUS016 15.6 19.1 1.0 14.0 1.0 19.4 25.8 14.0 STUS516 15.6 17.2 1.0 14.0 1.0 21.5 23.2 14.0 STUS018 16.7 20.4 1.0 15.0 1.0 18.8 26.9 16.0 STUS518 16.7 18.5 1.0 15.0 1.0 20.6 24.4 16.0 STUS019 17.8 21.8 1.0 16.0 1.0 17.6 28.8 19.0 STUS519 17.8 19.7 1.0 16.0 1.0 19.2 26.0 17.0 STUS020 18.9 23.1 1.0 17.0 1.0 16.4 30.5 20.0 STUS520 18.9 20.9 1.0 17.0 1.0 18.1 27.6 19.0 STUS021 20.0 24.4 1.0 18.0 1.0 15.5 32.2 21.0 STUS521 20.0 22.1 1.0 18.0 1.0 17.2 29.2 20.0 STUS023 22.2 27.1 1.0 20.0 1.0 13.9 35.8 25.0 STUS523 22.2 24.5 1.0 20.0 1.0 15.4 32.4 23.0 STUS026 24.4 29.8 1.0 22.0 1.0 12.7 39.4 28.0 STUS526 24.4 26.9 1.0 22.0 1.0 14.1 35.5 25.0 STUS028 26.7 32.6 1.0 24.0 1.0 11.6 43.0 31.0 STUS528 26.7 29.5 1.0 24.0 1.0 12.8 38.9 28.0 STUS030 28.9 35.3 1.0 26.0 1.0 10.7 46.6 31.0 STUS530 28.9 31.9 1.0 26.0 1.0 11.9 42.1 30.0 STUS033 31.1 38.0 1.0 28.0 1.0 9.9 50.0 35.0 STUS533 31.1 34.4 1.0 28.0 1.0 11.0 45.4 31.0 STUS035 33.3 40.7 1.0 30.0 1.0 9.3 53.5 39.0 STUS535 33.3 36.8 1.0 30.0 1.0 10.3 48.4 36.0 STUS039 36.7 44.9 1.0 33.0 1.0 8.5 59.0 42.0 STUS539 36.7 40.6 1.0 33.0 1.0 9.4 53.3 39.0 |