データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TQ データシート(PDF) 1 Page - Panasonic Battery Group

部品番号 TQ
部品情報  2-pole 5 mm SurfaceMount Relay
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONICBATTERY [Panasonic Battery Group]
ホームページ  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

TQ データシート(HTML) 1 Page - Panasonic Battery Group

  TQ Datasheet HTML 1Page - Panasonic Battery Group TQ Datasheet HTML 2Page - Panasonic Battery Group TQ Datasheet HTML 3Page - Panasonic Battery Group TQ Datasheet HTML 4Page - Panasonic Battery Group TQ Datasheet HTML 5Page - Panasonic Battery Group TQ Datasheet HTML 6Page - Panasonic Battery Group TQ Datasheet HTML 7Page - Panasonic Battery Group TQ Datasheet HTML 8Page - Panasonic Battery Group TQ Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
ORDERING INFORMATION
2-pole 5 mm Surface
Mount Relay, JIS C0806
compliant
TQ RELAYS
FEATURES
1. Flat compact size
14.0(L)
× 9.0(W) × 5.0(H) .551(L) ×
.354(W)
× .197(H)
2. Nominal operating power:
High sensitivity of 140mW (2 Form
C single side stable type)
By using the highly efficient polar
magnetic circuit “seesaw balance
mechanism”, a nominal operating
power of 140 mW (minimum operating
power of 79 mW) has been achieved.
RoHS compliant
3. Suitable for SMD automatic
insertion (SA type)
With a height of 5.6 mm .220 inch, the
relays meet JIS C 0806 specifications.
4. High density mounting possible
High-efficiency magnetic circuits
ensure low magnetic flux leakage.
Because characteristics are little
changed by proximity mounting, high-
density mounting is possible.
5. The use of gold-clad twin crossbar
contacts ensures high contact
reliability.
6. DIL terminal array enables use of IC
sockets
7. Low thermal electromotive force
As well as low power consumption of
140 mW, use of a structure with
separate coil and contact sections has
reduced thermal electromotive force to
the low level of approximately 5
µV.
Surface mount types achieve
approximately 2
µV.
8. Latching types also available
9. Self-clinching terminal also
available
10. A range of surface-mount types is
also available.
SA: Low-profile surface-mount
terminal type
SL: High connection reliability surface-
mount terminal type
SS: Space saving surface-mount
terminal type
11. M.B.B. contact types available
TYPICAL APPLICATIONS
1. Communications
2. Measurement equipment
3. OA equipment
4. Industrial machines
Nominal coil voltage (DC)*
1.5 (SMD only), 3, 4.5, 5, 6, 9, 12, 24, 48V
Contact arrangement
2: 2 Form C
TQ
2
MBB function
Nil:
2M:
Standard (B.B.M.) type
2M.B.B. type
Terminal shape
Nil:
H:
SA:
SL:
SS:
Standard PC board terminal
Self-clinching terminal
SA type
SL type
SS type
Operating function
Nil:
L:
L2:
Single side stable
1 coil latching
2 coil latching
Packing style
Nil:
X:
Z:
Tube packing
Tape and reel (picked from 1/2/3/4/5-pin side)
Tape and reel packing (picked from the 6/7/8/9/10-pin side)
Notes: 1. *48 V coil type: Single side stable only
2. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.


同様の説明 - TQ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RSB-12 ETC-RSB-12 Datasheet
58Kb / 2P
2 Pole relay suitable for signal circuits
logo
fujitsu semiconductor
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Tyco Electronics
OSA-SS-224DM3 MACOM-OSA-SS-224DM3 Datasheet
126Kb / 2P
2 Pole Miniature Power PC Board Relay
logo
IXYS Corporation
LCA210 IXYS-LCA210 Datasheet
122Kb / 7P
Dual-Pole, 2-Form-A OptoMOS Relay
logo
Tyco Electronics
2-1440001-1 MACOM-2-1440001-1 Datasheet
123Kb / 2P
2 Pole Miniature Power PC Board Relay
2-1440001-7 MACOM-2-1440001-7 Datasheet
123Kb / 2P
2 Pole Miniature Power PC Board Relay
logo
Panasonic Semiconductor
TQ2-3V PANASONIC-TQ2-3V Datasheet
186Kb / 11P
2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
2-Pole Timing Relay
logo
Johanson Technology Inc...
500R15N101JV4E JOHANSON-500R15N101JV4E Datasheet
284Kb / 3P
250Rxx Surfacemount Ceramic MLCC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com