データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TX データシート(PDF) 3 Page - Panasonic Battery Group

部品番号 TX
部品情報  Best seller with broad lineup and AC 2000 V breakdown voltage.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONICBATTERY [Panasonic Battery Group]
ホームページ  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

TX データシート(HTML) 3 Page - Panasonic Battery Group

  TX Datasheet HTML 1Page - Panasonic Battery Group TX Datasheet HTML 2Page - Panasonic Battery Group TX Datasheet HTML 3Page - Panasonic Battery Group TX Datasheet HTML 4Page - Panasonic Battery Group TX Datasheet HTML 5Page - Panasonic Battery Group TX Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TX
ASCTB18E 201209-T
2. Specifications
Notes: *1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load. (AgPd contact type is available for low level load switching [10V DC, 10mA max. level])
*2 Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24).
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Arrangement
2 Form C
Initial contact resistance, max.
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Standard contact: Ag+Au clad,
AgPd contact (low level load): AgPd+Au clad (stationary), AgPd (movable)
Rating
Nominal switching capacity
Standard contact: 2 A 30 V DC, AgPd contact: 1 A 30 V DC (resistive load)
Max. switching power
Standard contact: 60 W (DC), AgPd contact: 30 W (DC) (resistive load)
Max. switching voltage
220V DC
Max. switching current
Standard contact: 2 A, AgPd contact: 1 A
Min. switching capacity (Reference value)*1
10
µA 10mV DC
Nominal operating
power
Single side stable
140 mW (3 to 24 V DC)
2 coil latching
200 mW (3 to 24 V DC)
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Initial breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1min. (Detection current: 10mA)
Between contact and coil
2,000 Vrms for 1min. (Detection current: 10mA)
Between contact sets
1,000 Vrms for 1min. (Detection current: 10mA)
Surge breakdown
voltage (Initial)
Between open contacts
1,500 V (10
×160µs) (FCC Part 68)
Between contacts and coil
2,500 V (2
×10µs) (Telcordia)
Temperature rise (at 20
°C 68°F)
Max. 50
°C
(By resistive method, nominal coil voltage applied to the coil; contact carrying current: 2A.)
Operate time [Set time] (at 20
°C 68°F)
Max. 4 ms [Max. 4 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 4 ms [Max. 4 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
(without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 750 m/s2 (Half-wave pulse of sine wave: 6 ms; detection time: 10
µs.)
Destructive
Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3.3 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Expected life
Mechanical
Min. 108 (at 180 cpm)
Electrical
Min. 105 (2 A 30 V DC resistive), 5
×105 (1 A 30 V DC resistive) (at 20 cpm)
Conditions
Conditions for operation, transport and storage*2
Ambient temperature: –40
°C to +85°C (up to 24 V coil) –40°F to +185°F (up to 24 V coil)
[–40
°C to +70°C (48 V coil) –40°F to +158°F (48 V coil)];
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
20 cpm
Unit weight
Approx. 2 g .071 oz
1. Maximum switching capacity
2. Life curve
3. Mechanical life
Tested sample: TX2-5V, 10 pcs.
Operating speed: 180 cpm
0.2
0.3
0.4
0.5
1.0
2.0
3.0
20 30
50
100
200 300
DC resistive load
0
Contact voltage, V
1.0
2.0
100
50
30
20
10
0
Switching current, A
30V DC
resistive load
0
10
100
10,000
1,000
10
Max.
Max.
Min.
Min.
20
30
40
50
60
70
80
90
100
No. of operations,
×104
Pick-up voltage
Drop-out voltage
4. Electrical life (2A 30V DC resistive load)
Tested sample: TX2-5V, 6 pcs.
Operating speed: 20 cpm
Change of pick-up and drop-out voltage
Change of contact resistance
5. Coil temperature rise
Tested sample: TX2-5V, 6 pcs.
Point measured: Inside the coil
Ambient temperature: 25
°C 77°F, 85°C 185°F
10
1
Max.
Min.
Min.
0
10
20
30
40
50
60
70
80
90
100
23456789
Max.
No. of operations,
×104
Pick-up voltage
Drop-out voltage
10
1
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
23456789
No. of operations,
×104
10
30
60
70
100
120
150
0
20
40
50
110
130
140
2A
2A
0A
0A
+25
°C
+85
°C
Coil applied voltage, %
+77
°F
+185
°F



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com