データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS9822-1 データシート(PDF) 5 Page - California Eastern Labs

部品番号 PS9822-1
部品情報  1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

PS9822-1 データシート(HTML) 5 Page - California Eastern Labs

  PS9822-1 Datasheet HTML 1Page - California Eastern Labs PS9822-1 Datasheet HTML 2Page - California Eastern Labs PS9822-1 Datasheet HTML 3Page - California Eastern Labs PS9822-1 Datasheet HTML 4Page - California Eastern Labs PS9822-1 Datasheet HTML 5Page - California Eastern Labs PS9822-1 Datasheet HTML 6Page - California Eastern Labs PS9822-1 Datasheet HTML 7Page - California Eastern Labs PS9822-1 Datasheet HTML 8Page - California Eastern Labs PS9822-1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Data Sheet PN10698EJ01V0DS
5
PS9822-1,-2
ELECTRICAL CHARACTERISTICS: N rank (TA = −40 to +100°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25°C
1.6
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25°
0
1
C
μA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25°C
30
pF
Detector High Level Output Current
IOH
VCC = VO = 3.3 V, VF = 0.8 V
1
100
μA
Low Level Output Voltage
*2
VOL
VCC = 3.3 V, IF = 5 mA, IOL = 13 mA
0.2
0.6
V
High Level Supply Current
ICCH
VCC = 3.3 V, IF = 0 mA, VO = Open
2
mA/ch
Low Level Supply Current
ICCL
VCC = 3.3 V, IF = 10 mA, VO = Open
3
Coupled Threshold Input Current
(H → L)
IFHL
VCC = 3.3 V, VO = 0.8 V, RL = 350 Ω
5
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25°C
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25°C
0.6
pF
Propagation Delay Time
(H → L)
tPHL
VCC = 3.3 V, RL = 350 Ω, IF = 7.5 mA,
VTHHL = VTHLH = 1.5 V
500
ns
Propagation Delay Time
(L → H)
tPLH
0
0
7
Pulse Width Distortion
(PWD)
⏐tPHL-tPLH⏐ VCC = 3.3 V, RL = 350 Ω, IF = 7.5 mA,
VTHHL = VTHLH = 1.5 V
200
ns
*1 Typical values at TA = 25°C
*2 Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or
less, it is important to confirm the characteristics (operation with the power supply on and off) during design,
before using this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com