| データシートサーチシステム |
|
EL2070CS データシート(PDF) 3 Page - Elantec Semiconductor |
|
|
|||||||||||||||||||||||||||||
EL2070CS データシート(HTML) 3 Page - Elantec Semiconductor |
|
3 / 14 page ![]() 3 EL2070C 200MHz Current Feedback Amplifier -ICMR Input Current Common Mode Rejection 25°C 8.0 33.0 µA/V +IPSR +Input Current Power Supply Rejection 25°C 1.0 3.6 µA/V -IPSR -Input Current Power Supply Rejection 25°C 20 24 µA/V ROL Transimpedance 25°C 30.0 125.0 V/mA TMIN 80.0 V/mA TMAX 140.0 V/mA ILOGIC Pin 8 Current @ 0V All 0.8 1.2 mA VDIS Maximum Pin 8 V to Disable All 0.5 V VEN Minimum Pin 8 V to Enable All 3.5 V IDIS Minimum Pin 8 I to Disable All 350.0 µA IEN Maximum Pin 8 I to Enable All 60.0 µA 1. Measured from TMIN to TMAX. 2. Supply current when disabled is measured at the negative supply. 3. Common-mode input range for rated performance. Open Loop DC Electrical Characteristics (Continued) VS = ±5V, RL = 100Ω unless otherwise specified Parameter Description Test Conditions Temp Min Typ Max Unit Closed-Loop AC Electrical Characteristics VS = ±5V, RF = 250Ω, AV = +2, RL = 100Ω unless otherwise specified Parameter Description Test Conditions Temp Min Typ Max Unit FREQUENCY RESPONSE SSBW -3dB Bandwidth (VOUT < 0.5VPP) 25°C 150.0 200.0 MHz TMIN 150.0 MHz TMAX 120.0 MHz LSBW -3dB Bandwidth (VOUT < 5.0VPP) AV = +5 All 35.0 50.0 MHz GAIN FLATNESS GFPL Peaking VOUT < 0.5VPP <40MHz 25°C 0.0 0.3 dB TMIN, TMAX 0.4 dB GFPH Peaking VOUT < 0.5VPP >40MHz 25°C 0.0 0.5 dB TMIN, TMAX 0.7 dB GFR Rolloff VOUT < 0.5VPP <75MHz 25°C 0.6 1.0 dB TMIN 1.0 dB TMAX 1.3 dB LPD Linear Phase Deviation VOUT < 0.5VPP <75MHz 25°C, TMIN 0.2 1.0 ° TMAX 1.2 ° TIME-DOMAIN RESPONSE tr1, tf1 Rise Time, Fall Time 0.5V Step All 1.6 2.4 ns tr2, tf2 Rise Time, Fall Time 5.0V Step All 6.5 10.0 ns |