| データシートサーチシステム |
|
PS9151-AX データシート(PDF) 3 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
PS9151-AX データシート(HTML) 3 Page - California Eastern Labs |
|
3 / 14 page ![]() PS9151 ORDERING INFORMATION <R> Part Number Order Number Solder Plating Specification Packing Style Safety Standard Approval Application Part Number *1 PS9151 PS9151-A Pb-Free 20 pcs (Tape 20 pcs cut) Standard products PS9151 PS9151-F3 PS9151-F3-A (SnBi) Embossed Tape 2 500 pcs/reel (UL approved) PS9151-V PS9151-V-A 20 pcs (Tape 20 pcs cut) DIN EN60747-5-2 PS9151-V-F3 PS9151-V-F3-A Embossed Tape 2 500 pcs/reel (VDE0884 Part2) approved (Option) PS9151 PS9151-AX Pb-Free 20 pcs (Tape 20 pcs cut) Standard products PS9151-F3 PS9151-F3-AX (Ni/Pd/Au) Embossed Tape 2 500 pcs/reel (UL approved) PS9151-V PS9151-V-AX 20 pcs (Tape 20 pcs cut) DIN EN60747-5-2 PS9151-V-F3 PS9151-V-F3-AX Embossed Tape 2 500 pcs/reel (VDE0884 Part2) approved (Option) *1 For the application of the Safety Standard, following part number should be used. Data Sheet PN10659EJ02V0DS 3 |