データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS9121 データシート(PDF) 2 Page - California Eastern Labs

部品番号 PS9121
部品情報  The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

PS9121 データシート(HTML) 2 Page - California Eastern Labs

  PS9121 Datasheet HTML 1Page - California Eastern Labs PS9121 Datasheet HTML 2Page - California Eastern Labs PS9121 Datasheet HTML 3Page - California Eastern Labs PS9121 Datasheet HTML 4Page - California Eastern Labs PS9121 Datasheet HTML 5Page - California Eastern Labs PS9121 Datasheet HTML 6Page - California Eastern Labs PS9121 Datasheet HTML 7Page - California Eastern Labs PS9121 Datasheet HTML 8Page - California Eastern Labs PS9121 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PS9121
PACKAGE DIMENSIONS (UNIT: mm)
1.27
0.4
+0.10
–0.05
0.25 M
4.4
7.0±0.3
0.5±0.3
3.4
+0.3
–0.1
53
12
4
MARKING EXAMPLE
<R>
No. 1 pin Mark
Initial of NEC
(Engraved mark)
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
8
31
9121
N831
N
*1
*1
Bar : Pb-Free
Type Number
Assembly Lot
No. 1 pin Mark
Initial of NEC
(Engraved mark)
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
8
31
9121
N831
N
*1
*1
Bar : Pb-Free
Type Number
Assembly Lot
SnBi PLATING
Ni/Pd/Au PLATING
Data Sheet PN10502EJ05V0DS
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com