| データシートサーチシステム |
|
EL2186CS データシート(PDF) 3 Page - Elantec Semiconductor |
|
|
|||||||||||||||||||||||||||||
EL2186CS データシート(HTML) 3 Page - Elantec Semiconductor |
|
3 / 19 page ![]() 3 EL2186C, EL2286C 250MHz/3mA Current Mode Feedback Amp w/Disable Test Circuit (per Amplifier) AC Electrical Characteristics VS = ±5V, RF = RG = 750Ω, RL = 150Ω, ENABLE = 0V, TA = 25°C unless otherwise specified Parameter Description Conditions Min Typ Max Unit -3dB BW -3dB Bandwidth AV = +1 250 MHz -3dB BW -3dB Bandwidth AV = +2 180 MHz 0.1dB BW 0.1dB Bandwidth AV = +2 50 MHz SR Slew Rate VOUT = ±2.5V, AV = +2 600 1200 V/µs tr, tf Rise and Fall Time VOUT = ±500 mV 1.5 ns tpd Propagation Delay VOUT = ±500 mV 1.5 ns OS Overshoot VOUT = ±500 mV 3.0 % ts 0.1% Settling VOUT = ±2.5V, AV = -1 15 ns dG Differential Gain AV = +2, RL = 150Ω [1] 0.05 % dP Differential Phase AV = +2, RL = 150Ω [1] 0.05 dG Differential Gain AV = +1, RL = 500Ω [1] 0.01 % dP Differential Phase AV = +1, RL = 500Ω [1] 0.01 ° tON Turn-On Time AV = +2, VIN = +1V, RL = 150Ω [2] 40 100 ns tOFF Turn-Off Time AV = +2, VIN = +1V, RL = 150Ω [2] 1500 2000 ns CS Channel Separation EL2286C only, f = 5MHz 85 dB 1. DC offset from 0V to 0.714V, AC amplitude 286mVP-P, f = 3.58MHz. 2. Measured from the application of the logic signal until the output voltage is at the 50% point between initial and final values. |