データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MASW-008206 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 MASW-008206
部品情報  GaAs WLAN Dual SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008206 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-008206 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008206 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008206 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008206 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-008206 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs WLAN Dual SPDT Switch
2.4 - 5.8 GHz
Rev. V3
MASW-008206-000DIE
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications
2,3: T
A = 25°C, Z0 = 50 , VC = 0V / 3V, PIN = 0 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
RF2 to Tx2/RX2, 2.4 GHz
RF5 to Tx5/Rx5, 5.0 GHz
dB
0.85
1.1
1.0
1.2
Isolation
RF2 to Tx2/RX2, 2.4 GHz
RF5 to Tx5/Rx5, 5.0 GHz
dB
25.5
21.0
30.0
25.0
Return Loss
DC - 6.0 GHz
dB
15
IP3
20 dBm Total Power, 1 MHz Spacing
RF2 to Tx2/Rx2, 2.4 GHz
RF5 to Tx5/Rx5, 4.9 GHz
dBm
54
55
Input P1dB
RF2 to Tx2, 2.4-2.5 GHz
RF5 to Tx5, 4.9-5.9 GHz
dBm
28
28
Harmonics
RF2 to Tx2, 2.4-2.5 GHz, 20 dBc
RF5 to Tx5, 4.9-5.9 GHz, 20 dBc
dBc
-63
-67
Control Current
|VC| = 3 V
µA
<1
10.0
TRISE / TFALL
10% - 90% RF, 90% - 10% RF
ns
22
TON / TOFF
50% Control - 90% RF, 50% Control - 10% RF
ns
30
2. External blocking capacitors on all RF ports.
3. Electrical min/max are guaranteed in die form only.
Control
VC1
Control
VC2
RF2 - TX2
RF5 - RX5
RF2 - RX2
RF5 - TX5
1
0
On
Off
0
1
Off
On
Truth Table
6,7,8
6. For positive voltage control, external DC blocking capacitors
are required on all RF ports.
7. Differential voltage, V (state 1) - V (state 0), must be
+2.7 V minimum and must not exceed +5 V.
8. 0 = 0 ± 0.3 V, 1 = +2.7 V to +5 V.
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
Input Power
@ 3 V Control
@ 5 V Control
+32 dBm
+33 dBm
Operating Voltage
+8 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be dam-
aged
by
static electricity.
Proper ESD control
techniques should be used when handling these
Class Zero (100 V) devices.
Qualification
Qualified
to
M/A-COM
specification
REL-201,
Process Flow –2.



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com