データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EL4452CS データシート(PDF) 12 Page - Elantec Semiconductor

部品番号 EL4452CS
部品情報  Wideband Variable-Gain Amplifier with Gain of 10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELANTEC [Elantec Semiconductor]
ホームページ  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4452CS データシート(HTML) 12 Page - Elantec Semiconductor

Back Button EL4452CS Datasheet HTML 4Page - Elantec Semiconductor EL4452CS Datasheet HTML 5Page - Elantec Semiconductor EL4452CS Datasheet HTML 6Page - Elantec Semiconductor EL4452CS Datasheet HTML 7Page - Elantec Semiconductor EL4452CS Datasheet HTML 8Page - Elantec Semiconductor EL4452CS Datasheet HTML 9Page - Elantec Semiconductor EL4452CS Datasheet HTML 10Page - Elantec Semiconductor EL4452CS Datasheet HTML 11Page - Elantec Semiconductor EL4452CS Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
EL4452C
Wideband Variable-Gain Amplifier with Gain of 10
Applications Information
Contd
In this circuit the EL4450 not only calculates the
square of the input but also provides the offset
integrator function The product of the two mul-
tiplier inputs adds to the bReference input and
are
passed
to
the
output
amplifier
which
through CF behaves as a pseudo-integrator The
‘‘integrator’’ gain does not pass through zero at
high frequencies but has a zero at 1(2
qCF c 1
k
X) This zero is cancelled by the pole caused by
the second capacitor of value CF connected at the
EL4452 bVGAIN input The bReference can be
exchanged for a positive reference by connecting
it to the ground return of the 1 k
X resistor at the
FB terminal and grounding REF
As a general consideration the input signal ap-
plied to an EL4452 should be kept below about
250 mV peak for good linearity If the AGC were
designed to produce a 1V peak output the input
range would be 100 mV – 250 mV peak when the
EL4452 has a feedback network that establishes a
maximum gain of 10 This is an input range of
only 251 for precise output regulation Raising
the maximum gain to 25 allows a 40 mV – 250 mV
input range with the output still regulated better
than 61 Unfortunately the bandwidth will be
reduced Bandwidth can be maintained by adding
a high frequency op-amp cascaded with the out-
put to make up gain beyond the 10 of the
EL4452 current feedback devices being the most
flexible The op-amp’s input should be capacitor
coupled to prevent gained-up offsets from confus-
ing the level detector during AGC control line
variations
General Disclaimer
Specifications contained in this data sheet are in effect as of the publication date shown Elantec Inc reserves the right to make changes
in the circuitry or specifications contained herein at any time without notice Elantec Inc assumes no responsibility for the use of any
circuits described herein and makes no representations that they are free from patent infringement
Elantec Inc
1996 Tarob Court
Milpitas CA 95035
Telephone (408) 945-1323
(800) 333-6314
Fax (408) 945-9305
European Office 44-71-482-4596
WARNING
Life Support Policy
Elantec Inc products are not authorized for and should not be
used within Life Support Systems without the specific written
consent of Elantec Inc Life Support systems are equipment in-
tended to support or sustain life and whose failure to perform
when properly used in accordance with instructions provided can
be reasonably expected to result in significant personal injury or
death Users contemplating application of Elantec Inc products
in Life Support Systems are requested to contact Elantec Inc
factory headquarters to establish suitable terms
conditions for
these applications Elantec Inc’s warranty is limited to replace-
ment of defective components and does not cover injury to per-
sons or property or other consequential damages
Printed in USA
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12