データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75813E データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC75813E
部品情報  1/3, 1/4 Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75813E データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC75813E Datasheet HTML 4Page - Sanyo Semicon Device LC75813E Datasheet HTML 5Page - Sanyo Semicon Device LC75813E Datasheet HTML 6Page - Sanyo Semicon Device LC75813E Datasheet HTML 7Page - Sanyo Semicon Device LC75813E Datasheet HTML 8Page - Sanyo Semicon Device LC75813E Datasheet HTML 9Page - Sanyo Semicon Device LC75813E Datasheet HTML 10Page - Sanyo Semicon Device LC75813E Datasheet HTML 11Page - Sanyo Semicon Device LC75813E Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
No. 7159--8/26
LC75813E, 75813T
2. 1/4 duty
x When CL is stopped at the low level
Note: DD···Direction data.
B1
B0
D2
D83 D84 D85 D86 D87 D88
D1
0
0
0
0
0
0
1
0
CCB address
8 bits
Display data
88 bits
Control data
14 bits
DD
2 bits
CCB address
8 bits
Display data
88 bits
Fixed data
14 bits
DD
2 bits
CCB address
8 bits
Display data
84 bits
Fixed data
18 bits
DD
2 bits
CCB address
8 bits
Display data
84 bits
Fixed data
18 bits
DD
2 bits
DI
CL
CE
B3
B2
A0
A1
A2
A3
B1
B0
B3
B2
A0
A1
A2
A3
B1
B0
B3
B2
A0
A1
A2
A3
B1
B0
B3
B2
A0
A1
A2
A3
0
0
0
0
0
FC
DT
DR
0
0
BU
SC
P3
P2
P1
P0
0
D89
D90
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
D171 D172 D173 D174 D175 D176
0
0
D177
D178
0
0
1
0
0
0
D259 D260
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
D261
D262
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
0
0
0
D343 D344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26