| データシートサーチシステム |
|
RJSSE508002 データシート(PDF) 1 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
RJSSE508002 データシート(HTML) 1 Page - Amphenol Corporation |
|
1 / 5 page ![]() Modular Jack Quick Reference Options Table Standard Inverted RJ45 RJ11 SMT Thru hole LED Light-Pipe Shielded Non- Shielded Reflow Wave Tape & Reel Tray RJHSE X X X X X .530 (13.46) .490 (12.45) 2-8 1-8 5 See Notes XX X RJULE X X X .377 (9.58) N/A 2-8 1 3 X X X X RJCSE X X X X .531 (13.48) .521 (13.22) 2-8 1 3 See Notes X RJLSE X X X X .514 (13.07) .462 (11.73) 2-8 1 3 X X X RJSSE X X X X X .525 (13.34) .515 (13.08) 2-8 1-4 5 X X X RJSBE X X X X X .500 (12.69) .493 (12.52) 2-8 1-4 3 X X X FRJAE X X X X .510 (12.95) .500 (12.7) 2-8 1-8 3 X X X RJE01 X X X .514 (13.08) .507 (12.88) 2-6 1-2 3 X X X RJE02 X X X X N/A .630 (16.00) 2-8 1 3 See Notes XX RJE03 X X X X .519 (13.19) .494 (12.54) 2-8 1 3 See Notes XX RJE05 X X X X .463 (11.75) .453 (11.50) 2-8 1 3 See Notes XX X RJE07 X X X X .530 (13.46) .500 (12.70) 2-8 1 3 X X RJE09 X X X .543 (13.80) .535 (13.59) 2-10 1-12 3 See Notes XX RJSAE Bottom Top X X X X .100 (25.4) .990 (25.14) 2-8 2,4,8 5 See Notes XX RJHSE-3 X X X X X .625 (15.88) .610 (15.50) 2-8 1 5 See Notes XX RJHSE-N X X X X X .621 (15.77) .613 (15.57) 2-8 4,5 5 See Notes XX RJE06 X X X .656 (16.65) .640 ( 16.26) 2-8 1 3 See Notes XX RJE08 X X X X N/A .645 (16.38) 2-10 1 3 See Notes XX RJE23 X X X X N/A .501 (12.72) 2-8 1 3 X X RJSVE X X X X .621 (15.77) .613 (15.57) 2-8 8-10 5 See Notes XX Dual Row Vertical Modular Jacks Modular Jack Accessroies RJHSE-238D FRJ2X11 RJ45 and RJ11 Dust Cover Lead Free IR Reflow Solder Process Protective Heat Shield for Modular Jacks with integrated LED's Termination Packaging Contacts per port Vertical Modular Jacks Optical Indicator Max Profile Above PCB - in (mm) Right Angle Modular Jacks single and multiport Stacked Right Angle Modular Jacks Performance Category # of Ports Series Orientation Housing Option Solder Process Modular Jacks www.amphenolacp.com - Modular jacks available in RJ45 & RJ11 styles - Select series available with or without LED options - Variety of single and Bi-color LED options - Shielding options available on most series - Low frequency ferrite filtering available on select series - Right angle & vertical housing options - Single & multiport configurations - Single & stacked dual row options - Terminations available in PTH, SMT and Pressfit on select series - True Vacumm Placeble, Tape & Reel, Tray and Tube packaging - Category 3, 5 & 6 options - UL recognized file # E135615 - CSA recognized file # LR68598 - Fully RoHS compliant - Lead Free IR reflow process compatible ACPRJHC07 |
同様の部品番号 - RJSSE508002 |
|
同様の説明 - RJSSE508002 |