| データシートサーチシステム |
|
80960JS データシート(PDF) 5 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960JS データシート(HTML) 5 Page - Intel Corporation |
|
5 / 86 page ![]() Datasheet 5 Contents 48 HOLD/HOLDA Waveform For Bus Arbitration ............................................................................75 49 Cold Reset Waveform................................................................................................................. 76 50 Warm Reset Waveform .............................................................................................................. 77 51 Entering the ONCE State............................................................................................................78 52 Bus States with Arbitration.......................................................................................................... 80 53 Summary of Aligned and Unaligned Accesses (32-Bit Bus)....................................................... 84 54 Summary of Aligned and Unaligned Accesses (32-Bit Bus) (Continued) ................................... 85 Tables 1 80960Jx 3.3-V Microprocessor Family ......................................................................................... 7 2 80960Jx Instruction Set .............................................................................................................. 14 3 80960Jx Processors Available in 132-Pin PGA Package........................................................... 15 4 80960Jx Processors Available in 132-Pin PQFP Package......................................................... 15 5 80960Jx Processors Available in Extended Temperature ......................................................... 16 6 80960Jx Processors Available in 196-Ball MPBGA Package..................................................... 16 7 Pin Description Nomenclature .................................................................................................... 17 8 Pin Description—External Bus Signals....................................................................................... 18 9 Pin Description—Processor Control Signals, Test Signals, and Power .....................................21 10 Pin Description—Interrupt Unit Signals ...................................................................................... 22 11 132-Lead PGA Pinout—In Signal Order ..................................................................................... 25 12 132-Lead PGA Pinout—In Pin Order.......................................................................................... 26 13 132-Lead PQFP Pinout—In Signal Order................................................................................... 28 14 132-Lead PQFP Pinout—In Pin Order........................................................................................ 29 15 196-Ball MPBGA Pinout—In Signal Order..................................................................................32 16 196-Ball MPBGA Pinout—In Pin Order ...................................................................................... 33 17 Absolute Maximum Ratings ........................................................................................................ 35 18 80960Jx Operating Conditions ................................................................................................... 35 19 VDIFF Parameters...................................................................................................................... 37 20 80960Jx D.C. Characteristics ..................................................................................................... 38 21 80960Jx ICC Characteristics .......................................................................................................39 22 80960Jx A.C. Characteristics ..................................................................................................... 42 23 Note Definitions for Table 22, 80960Jx AC Characteristics........................................................ 45 24 80960Jx Device Type and Stepping Reference ......................................................................... 59 25 80960JS/JC/JT Device ID Register Field Definitions.................................................................. 60 26 80960JS/JC/JT Device ID Model Types ..................................................................................... 60 27 80960JD Device ID Field Definitions .......................................................................................... 61 28 80960JD Device ID Model Types ...............................................................................................61 29 80960JA/JF Device ID Field Definitions ..................................................................................... 62 30 80960JA/JF Device ID Model Types .......................................................................................... 62 31 Thermal Resistance for qCA and qJC Reference Table ..............................................................63 32 Maximum Ambient Temperature Reference Table.....................................................................63 33 132-Lead PGA Package Thermal Characteristics ...................................................................... 64 34 80960JA/JF/JD 196-Ball MPBGA Package Thermal Characteristics ......................................... 64 35 80960JS/JC/JT 196-Ball MPBGA Package Thermal Characteristics ......................................... 65 36 132-Lead PQFP Package Thermal Characteristics.................................................................... 65 37 Maximum TA at Various Airflows in °C (80960JT) ......................................................................66 38 Maximum TA at Various Airflows in °C (80960JC)......................................................................66 39 Maximum TA at Various Airflows in °C (80960JD)......................................................................67 40 Maximum TA at Various Airflows in °C (80960JS) ......................................................................67 41 Maximum TA at Various Airflows in °C (80960JA/JF) .................................................................68 |