データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL3SICS10 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 SL3SICS10
部品情報  Interface fully compatible with UHF EPC G2 standard Long-range solutions
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL3SICS10 データシート(HTML) 4 Page - NXP Semiconductors

  SL3SICS10 Datasheet HTML 1Page - NXP Semiconductors SL3SICS10 Datasheet HTML 2Page - NXP Semiconductors SL3SICS10 Datasheet HTML 3Page - NXP Semiconductors SL3SICS10 Datasheet HTML 4Page - NXP Semiconductors SL3SICS10 Datasheet HTML 5Page - NXP Semiconductors SL3SICS10 Datasheet HTML 6Page - NXP Semiconductors SL3SICS10 Datasheet HTML 7Page - NXP Semiconductors SL3SICS10 Datasheet HTML 8Page - NXP Semiconductors SL3SICS10 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
129430
© NXP B.V. 2006. All rights reserved.
Product short data sheet
Rev. 3.0 — 20 September 2006
4 of 9
NXP Semiconductors
SL3 ICS 10
UCODE EPC G2
3.
Applications
Supply Chain Management
Asset Management
Container Identification
Pallet & Case Tracking
4.
Quick reference data
The SL3 ICS 10 supports global operation in different frequency bands. In principle, the
SL3 ICS 10 has no restriction on the operating frequency. Based on regulation
requirements the SL3 ICS 10 is released for the following frequency band.
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UHF
Frequency band
860
-
960
MHz



Html Pages

1 2 3 4 5 6 7 8 9