データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL0902A600 データシート(PDF) 3 Page - Littelfuse

部品番号 SL0902A600
部品情報  Gas Discharge Tube (GDT) Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL0902A600 データシート(HTML) 3 Page - Littelfuse

  SL0902A600 Datasheet HTML 1Page - Littelfuse SL0902A600 Datasheet HTML 2Page - Littelfuse SL0902A600 Datasheet HTML 3Page - Littelfuse SL0902A600 Datasheet HTML 4Page - Littelfuse SL0902A600 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
15
Revised: July 6, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG5 and SL0902A Series
CG5 and SL0902A Series
Device Dimensions
5.0 ± 0.2
CG5L-03
0.60 DIA. TYP.
[0.024]
CG5L &
CG5LTR (Outline 502)
0.80 DIA. TYP.
[0.024]
62 ± 2
[0.197 ± 0.008]
[2.441 ± 0.079]
PROFILE VIEW
TOP VIEW
5.0 ± 0.2
[0.197 ± 0.008]
Outline 502 - CG5xxxLTR (also CG5350L-03TR, CG5600L-02)
5.0 ± 0.2
[0.197 ± 0.008]
PROFILE VIEW
TOP VIEW
5.0 ± 0.15
[0.197 ± 0.006]
Outline 501 - CG5xxx
[0.209 ± 0.012]
5.30 ± 0.30
[0.197 ± 0.008]
5.00 ± 0.20
[0.016 ± 0.0012]
0.40 ± 0.03
0.004
2 Surfaces
[0.031]
0.80
[0.315 ± 0.012]
8.00 ± 0.30
[0.366 ± 0.012]
9.30 ± 0.30
[0.209 ± 0.012]
5.30 ± 0.30
5.00 ± 0.20
[0.197 ± 0.008]
8.00
[0.315]
9.80
[0.386]
5.50
[0.216]
1.80
[0.071]
PROFILE VIEW
SOLDER PAD LAYOUT
TOP VIEW
Outline 500 - CG5xxxLS
5.0 ± 0.2
0.80DIA. TYP.
[0.031]
6.3 ± 2
[0.197 ± 0.008]
5.0 ± 0.2
[0.197 ± 0.008
3.0 ± 0.2
[0.118 ± 0.008]
[2.480 ± 0.079]
PROFILE VIEW
TOP VIEW
Outline 503 - CG5xxxL-02 (except CG5600L-02, see Outline 502)
5.0 ± 0.2
[0.197 ± 0.008]
0.5 ± 0.1
[0.02 ± 0.004 ]
6.6 ± 0.2
[0.260 ± 0.008]
3.8
[0.15]
5.4 ± 0.15
[0.212 ± 0.006]
4.50
[0.18]
5.10
[0.2]
PROFILE VIEW
TOP VIEW
SOLDER PAD LAYOUT
0.70
[0.028]
5.4 ± 0.15
[0.212 ± 0.006]
Outline 505 - CG5xxxMS and SL0902AxxxSM



Html Pages

1 2 3 4 5