| データシートサーチシステム |
|
FMBP12BF データシート(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
FMBP12BF データシート(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
2 / 4 page ![]() Series FM Membranes www.nkk.com L L16 Nonilluminated • 4 or 16 Keys Switch Circuit Matrix Detail For 4 or 16 Key (1) (2) (3) (4) 2 3 4 5 1 (13) (9) (5) (1) (2) (6) (10) (14) (15) (11) (7) (3) (4) (8) (12) (16) 8 7 6 5 4 3 2 1 (0.1) .004 (0.12) .005 ~ (82.5) 3.248 (18.0) .709 Sq Typ (19.0) .748 Typ (12.75) .502 Typ (25.5) 1.004 (1.0) .039 (82.5) 3.248 Sq (18.0) .709 Sq Typ (19.0) .748 Typ (12.75) .502 Typ (19.0) .748 Typ (12.75) .502 Typ (1.0) .039 Insertable Legend Card for 4 Key or 16 Key Switch Circuit Matrix For 16 Key Switch Circuit Matrix For 4 Key (70.0) 2.756 (1.2) .047 (0.3) .012 (8.0) .315 3.661 (93.0) Sq .709 (18.0) .354 (9.0) Typ Pin 8 .020 (0.5) R Typ (4.0) .157 .039 P (1.0) Typ .028 (0.7) Pin 1 13 9 5 1 14 10 6 2 15 11 7 3 16 12 8 4 (70.0) 2.756 (1.2) .047 (0.3) .012 (8.0) .315 FMBN16BD Black Surface Sheet Key numbers in parenthesis are not actually on panel and are for reference only Key numbers in parenthesis are not actually on panel and are for reference only Insertable Legend Cards are supplied with the nonilluminated switch keypad assembly in Black, Gray and Yellow 1.417 (36.0) (4.0) .157 .236 (6.0) .039 P (1.0) Typ .028 (0.7) Typ Pin 1 Pin 5 3.661 (93.0) .020 (0.5)R Typ 1 2 3 4 TYPICAL SWITCH DIMENSIONS FMBN04BE Gray Surface Sheet |