データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZICM357SP2-1C-R データシート(PDF) 5 Page - California Eastern Labs

部品番号 ZICM357SP2-1C-R
部品情報  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP2-1C-R データシート(HTML) 5 Page - California Eastern Labs

  ZICM357SP2-1C-R Datasheet HTML 1Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 2Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 3Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 4Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 5Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 6Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 7Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 8Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
EM357 Mini Modules
Page 5
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
SOFTWARE/FIRMWARE
CEL’s MeshConnect EM357 Mini Modules are ideal platforms for EmberZNet PRO™, the industry’s most
deployed and field proven ZigBee compliant stack supporting the ZigBee PRO feature Set. EmberNet PRO
is a complete ZigBee protocol software package containing all the elements required for mesh networking
applications. For more information regarding the software development for this IC, visit www.silabs.com.
CEL provides reference software that runs multiple functions and executes various commands. The firmware
allows the execution of IEEE 802.15.4 communication, validation and manufacturing tests. For example,
users can setup a simple ZigBee Point-to-Point network to perform Range and Packet Error Rate (PER) tests.
The software can also place the module in various operating modes, which allows for setting and/or testing
various parameters.
The ZICM357SP0 uses the transceiver's Primary RF ports for transmitting and should use Power Mode 1. The
ZICM357SP2 uses the transceiver's Alternate RF ports for transmitting and should use Power Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18