データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HPDM2A データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 HPDM2A
部品情報  ID tools and machines
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

HPDM2A データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  HPDM2A Datasheet HTML 1Page - List of Unclassifed Manufacturers HPDM2A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
950
951
Pneumatic press: AP-2H
Electric press: AP-K2N
1.5(.059)
Applicator
Connector
Pitch mm(in.)
Series
Ribbon cable cutter
MKD-LR with die set
FP series
IDH series
Pneumatic press: AP-2D
Applicator
Pistol tool: IDB-12
Head adaptor
2.0(.079)
2.5(.098)
2.54(.100)
3.96(.156)
SUR
SR
SSR
ASR
CZ
ZR
ZA
KR(Note3)
KRD
CK(Note4)
CR
DR
DA
DD
DS
NR
NRD
HR
DB
DG
BR
RA
RC
RX
VR
–
–
–
–
–
–
–
MKD - LR + MKD-LR-DS-KR
–
–
–
–
MKD - LR + MKD-LR-DS-DA
–
–
MKD - LR + MKD-LR-DS-HR
MKD - LR + MKD-LR-DS-DB
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
FCD-DS FP2-RA/RX
FCD-DS FP2-RC
FCD-DS FP2-RA/RX
–
–
–
–
–
–
–
–
IDH-ZR12
–
IDH-KR12
–
–
–
IDH-DR12
IDH-DA12
IDH-NR12
–
IDH-HR12
IDH-DB/DC12
–
–
–
–
–
IDH-VR12
–
IDH-DD/DS12
0.8(.031)
1.0(.039)
1.5(.059)
Hand press: HPD-M2A
Hand press: HPD-M2A-HID
Applicator
Applicator
Applicator
Pitch-feeding applicator
Connector
Pitch mm(in.)
Series
2.0(.079)
2.5(.098)
2.54(.100)
3.96(.156)
Ribbon cable cutter
SUR
SR
SSR
ASR
CZ
ZR
ZA
KR (Note 3)
KRD
CK (Note 4)
CR
DR
DA
DD
DS
NR
NRD
HR
DB
DG
BR
RA
RC
RX
VR
H2A-SUR
H2A-SR
H2A-SSR
H2A-ASR
H2A-CZ
H2A-ZR
H2A-ZA
H2A-KR/XR
H2A-KRD
H2A-KR/XR
H2A-CR
H2A-DR
H2A-DA
H2A-NR
H2A-NRD
H2A-HR
H2A-DB
H2A-DG
H2A-BR
–
–
–
H2A-VR
–
H2A-DD/DS
H2-SUR30ED-X
H2-SR20ED-X
H2-SSR20ED-X
H2-ASR20ED-X
H2-CZ20ED-X
H2-ZR20ED-X
H2-ZA20ED-X
H2-KR/XR20ED-X
H2-KRD20DD-Y
H2-KR/XR20ED-X
H2-CR20ED-X
H2-DR20ED-X
H2-DA20ED-X
H2-NR20ED-X
H2-NRD20DD-Y
H2-HR20ED-X
H2-DB20ED-X
–
H2-BR20ED-X
–
–
–
H2-VR15DD-Y
–
H2-DD/DS20ED-X
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
HID-RA/RX
HID-RC
HID-RA/RX
–
HID-FC
–
–
–
–
–
–
MKD-LP + MKD-DS-ZR
MKD-LP + MKD-DS-ZA
MKD-LP + MKD-DS-KR (Note 1)
–
–
–
MKD-LP + MKD-DS-DR
MKD-LP + MKD-DS-DA
MKD-LP + MKD-DS-NR
MKD-LP + MKD-DS-NRD (Note 2)
MKD-LP + MKD-DS-HR
MKD-LP + MKD-DS-DB/DC
MKD-LP + MKD-DS-DG
MKD-LP + MKD-DS-BR
–
–
–
MKD-LP + MKD-DS-VR (Note 2)
–
MKD-LP + MKD-DS-DD/DS
(Note 1)
1.0(.039)
0.8(.031)
Hand press: HPD-M2A
Pneumatic press: AP-2 or AP-2H
Pneumatic press: AP-2H
Electric press: AP-K2N
H2A series
H2 series
HID series
MKD-LP with die set
ID TOOLS
ID TOOLS
5-B
Note 1: MKD-LP applicators are not applicable to the connectors with glass-
filled nylon housings i.e. 12 to 15-circuit DD/DS connectors and 13 to
16-circuit KR connectors.
Note 2: End-connection only (not through processing)
Note 3: ID tools for the standard KR series connectors are not applicable to
the ( )KR-4K-** connectors. For ( )KR-4K-**, use the tools for the CR
series connectors.
Note 4: ID tools for the standard CK series connectors are not applicable to the
( )CK-6H-** connectors. For ( )CK-6H-**, use the tools for the KR/XR
series connectors.



Html Pages

1 2