| データシートサーチシステム |
|
PD488588FF データシート(PDF) 39 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
PD488588FF データシート(HTML) 39 Page - Elpida Memory |
|
39 / 79 page ![]() Data Sheet E0251N20 (Ver. 2.0) 39 µµµµPD488588FF-C80-40 Table 22-1 Control Register Summary (2/2) SA11..SA0 Register Field read-write/ read-only Description 04716 PDNX PDNX read-write, 13 bits PDN exit. Specifies length of PDN exit phase A + phase B. 04816 TPARM TCAS read-write, 2 bits tCAS-C core parameter. Determines tOFFP datasheet parameter. TCLS read-write, 2 bits tCLS-C core parameter. Determines tCAC and tOFFP parameters. TCDLY0 read-write, 3 bits tCDLY0-C core parameter. Programmable delay for read data. 04916 TFRM TFRM read-write, 4 bits tFRM-C core parameter. Determines ROW - COL packet framing interval. 04a16 TCDLY1 TCDLY1 read-write, 3 bits tCDLY-1 core parameter. Programmable delay for read data. 04c16 TCYCLE TCYCLE read-write, 14 bits tCYCLE datasheet parameter. Specifies cycle time in 64ps units. 04b16 SKIP AS read-only, 1 bit Autoskip value established by the SETF command. MSE read-write, 1 bit Manual skip enable. Allows the MS value to override the AS value. MS read-write, 1 bit Manual skip value. 04d16- TEST77 TEST77 read-write, 16 bits Test register. Write with zero after SIO reset. 04e16- TEST78 TEST78 read-write, 16 bits Test register. Do not read or write after SIO reset. 04f16- TEST79 TEST79 read-write, 16 bits Test register. Do not read or write after SIO reset. 08016-Off16 reserved reserved vendor-specific Vendor-specific test registers. Do not read or write after SIO reset. |