| データシートサーチシステム |
|
DDZ5V6CSF データシート(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DDZ5V6CSF データシート(HTML) 1 Page - Diodes Incorporated |
|
1 / 6 page ![]() DDZ2V4ASF – DDZ39DSF Document number: DS31987 Rev. 17 - 2 1 of 6 www.diodes.com March 2012 © Diodes Incorporated DDZ2V4ASF – DDZ39DSF 0.5W SURFACE MOUNT PRECISION ZENER DIODE Features • 500mW Power Dissipation on FR-4 PCB • Very Tight Tolerance on VZ • Ideally Suited for Automated Assembly Processes • Lead, Halogen and Antimony Free, RoHS Compliant (Note 1) • Halogen and Antimony Free "Green" Device (Notes 2 & 3) • Mechanical Data • Case: SOD323F • Case Material: Molded Plastic, “Green Molding Compound”. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020 • Terminal Connections: Cathode Band • Terminals: Finish - Matte Tin annealed over Copper Alloy leadframe. Solderable per MIL-STD-202, Method 208 • Weight: 0.01 grams (approximate) Ordering Information (Note 4) Part Number Case Packaging DDZxx(x)xSF-7* SOD323F 3000/Tape & Reel * Add "-7" to the appropriate type number in Electrical Characteristics Table on page 2. Example: DDZ10BSF-7. Notes: 1. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead. 2. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com. 4. For packaging details, go to our website at http://www.diodes.com. Marking Information Date Code Key Year 2010 2011 2012 2013 2014 2015 2016 Code X Y Z A B C D Month Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D Top View xx = Product Type Marking Code (See Electrical Characteristics Table) YM = Date Code Marking Y = Year (ex: W = 2009) M = Month (ex: 9 = September) XX |
同様の部品番号 - DDZ5V6CSF |
|
同様の説明 - DDZ5V6CSF |