データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM73A88A データシート(PDF) 1 Page - ELAN Microelectronics Corp

部品番号 EM73A88A
部品情報  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73A88A データシート(HTML) 1 Page - ELAN Microelectronics Corp

  EM73A88A Datasheet HTML 1Page - ELAN Microelectronics Corp EM73A88A Datasheet HTML 2Page - ELAN Microelectronics Corp EM73A88A Datasheet HTML 3Page - ELAN Microelectronics Corp EM73A88A Datasheet HTML 4Page - ELAN Microelectronics Corp EM73A88A Datasheet HTML 5Page - ELAN Microelectronics Corp EM73A88A Datasheet HTML 6Page - ELAN Microelectronics Corp EM73A88A Datasheet HTML 7Page - ELAN Microelectronics Corp EM73A88A Datasheet HTML 8Page - ELAN Microelectronics Corp EM73A88A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1
* This specification are subject to be changed without notice.
EM73A88A
EM73A88A
EM73A88A
EM73A88A
EM73A88A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
10.8.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
EM73A88A is an advanced single chip CMOS 4-bit micro-controller. It contains 16K-byte ROM, 500-nibble
RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel
function. EM73A88A also equipped with 6 interrupt sources, 3 I/O ports (including 1 input port and 2 bidirection
ports), LCD display (64x16), built-in sound generator and speech synthesizer can direct drive speaker.
It's low power consumption and high speed feature are further strengten with DUAL, SLOW, IDLE and STOP
operation mode for optimized power saving.
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
• Operation voltage
: 2.2V to 4.8V.
• Clock source
: Dual clock system. Low-frequency oscillator is 32 KHz Crystal or RC oscillator
and high-frequency oscillator is a built-in internal oscillator (4.6 MHz).
• Instruction set
: 107 powerful instructions.
• Instruction cycle time
: 1.7µs for 4.6M Hz (high speed clock).
244µs for 32768 Hz (low speed clock).
• ROM capacity
: 16K x 8 bits.
• RAM capacity
: 500 x 4 bits.
• Input port
: 1 port (P0.0-P0.3), IDLE/STOP releasing function is available by mask option.
(each input pin has a pull-up and pull-down resistor available by mask option).
• Bidrection port
: 2 ports (P4, P8). IDLE/STOP release function for P8(0..3) is available by mask
option.
• Built-in watch-dog-timer counter : It is available by mask option.
• 12-bit timer/counter
: Two 12-bit timer/counters are programmable for timer, event counter and pulse
width measurement mode.
• Built-in time base counter : 22 stages.
• Subroutine nesting
: Up to 13 levels.
• Interrupt
: External interrupt . . . . . . 2 input interrupt sources.
Internal interrupt . . . . . . 2 timer overflow interrupts, 1 time base interrupt.
1 speech interrupt.
• LCD driver
: 64x16 dots, 1/16 duty, 1/5 bias with voltage multiplier.
• Sound effect
: Tone generator and random generator.
• Speech synthesizer
: 448K speech data ROM (use as 448K nibbles data ROM).
• PWM or current D/A
: Output selection by mask option.
• Power saving function
: SLOW, IDLE, STOP operation modes.
• Package type
: Chip form 109 pins.


同様の部品番号 - EM73A88A

メーカー部品番号データシート部品情報
logo
ELAN Microelectronics C...
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results

同様の説明 - EM73A88A

メーカー部品番号データシート部品情報
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com